Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV132A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74LV132A
Description  QUADRUPLE 2-INPUT NAND GATES WITH SCHMITT TRIGGER INPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LV132A Datasheet(HTML) 3 Page - Diodes Incorporated

  74LV132A Datasheet HTML 1Page - Diodes Incorporated 74LV132A Datasheet HTML 2Page - Diodes Incorporated 74LV132A Datasheet HTML 3Page - Diodes Incorporated 74LV132A Datasheet HTML 4Page - Diodes Incorporated 74LV132A Datasheet HTML 5Page - Diodes Incorporated 74LV132A Datasheet HTML 6Page - Diodes Incorporated 74LV132A Datasheet HTML 7Page - Diodes Incorporated 74LV132A Datasheet HTML 8Page - Diodes Incorporated 74LV132A Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
74LV132A
Document number: DS35706 Rev. 1 - 2
3 of 9
www.diodes.com
October 2013
© Diodes Incorporated
74LV132A
Recommended Operating Conditions (Note 5)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
IOH
High-Level Output Current
2.0V
-50
mA
2.3V to 2.7V
-2
μA
3.0V to 3.6V
-6
mA
4.5V to 5.5V
-12
mA
IOL
Low-Level Output Current
2.0V
50
μA
2.3V to 2.7V
2
mA
3.0V to 3.6V
6
mA
4.5V to 5.5V
12
mA
TA
Operating Free-Air
Temperature
-40
+125
°C
Note: 5. Unused inputs should be held at Vcc or Ground.
Electrical Characteristics
Symbol
Parameter
Test Conditions
VCC
TA = -40 to +85°C
TA = -40 to +125°C
Unit
Min
Max
Min
Max
VT+
Positive Going
Threshold
2.5 V
1
1.75
1
1.75
V
3.3 V
1.31
2.31
1.31
2.31
5.0 V
1.95
3.5
1.95
3.5
VT-
Negative Going
Threshold
2.5 V
0.75
1.5
0.75
1.5
3.3 V
0.99
2.07
0.99
2.07
5.0 V
1.5
3.05
1.5
3.05
VH
Hysteresis
(VT+ - VT-)
2.5 V
0.25
1
0.25
1
V
3.3 V
0.33
1.32
0.33
1.32
5.0 V
0.5
2
0.5
2
VOH
High-Level
Output Voltage
IOH = -50μA
2.0V to 5.5V
VCC-0.1
VCC-0.1
V
IOH = -2mA
2.3V
2.0
2.0
IOH = -6mA
3.0V
2.48
2.48
IOH = -12mA
4.5V
3.8
3.8
VOL
Low-Level
Output Voltage
IOL = 50μA
2.0V to 5.5V
0.1
0.1
V
IOL = 2mA
2.3V
0.4
0.4
IOL = 6mA
3.0V
0.44
0.44
IOL = 12mA
4.5V
0.55
0.55
IOFF
Power Down
Leakage Current VI or VO = 0 to 5.5V
0V
5
5
μA
II
Input Current
VI =GND or 5.5V
0 to 5.5V
±1
±1
μA
ICC
Supply Current
VI = GND or VCC
IO=0
5.5V
20
20
μA


Similar Part No. - 74LV132A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV132 PHILIPS-74LV132 Datasheet
117Kb / 12P
   Quad 2-input NAND Schmitt-trigger
1998 Apr 28
74LV132 NXP-74LV132 Datasheet
105Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 04-12 November 2007
74LV132 NXP-74LV132 Datasheet
115Kb / 17P
   Quad 2-input NAND Schmitt trigger
Rev. 05-2 July 2009
logo
Nexperia B.V. All right...
74LV132 NEXPERIA-74LV132 Datasheet
251Kb / 14P
   Quad 2-input NAND Schmitt trigger
Rev. 8 - 13 September 2021
74LV132-Q100 NEXPERIA-74LV132-Q100 Datasheet
717Kb / 16P
   Quad 2-input NAND Schmitt trigger
More results

Similar Description - 74LV132A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCS00 TI-SN74HCS00_V03 Datasheet
2Mb / 31P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
DECEMBER 2021
SN74HCS00 TI1-SN74HCS00 Datasheet
338Kb / 18P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI-SN74HCS00_V02 Datasheet
1Mb / 24P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN74HCS00 TI1-SN74HCS00_V01 Datasheet
1,001Kb / 22P
[Old version datasheet]   SN74HCS00 Quadruple 2-Input NAND Gates with Schmitt-Trigger Inputs
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com