Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109518 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109518
Description  MiniMez Vertical Female DIP without clips 12,6mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109518 Datasheet(HTML) 1 Page - ERNI Electronics

  109518 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
100 mating-
9,41
5,08
cycles
Id-Nr.
tube&cap
10 mating-
cycles
Id-Nr.
tube
100 mating-
cycles
Id-Nr.
tube
10 mating-
cycles
Polzahl
no of positions Mass A Mass B Mass C
8,08
Interpret dimensions according to ANSI Y15.5M-1994
109545
109536
109527
109518
30
22,11
17,78
20,78
109544
109535
109526
109517
20
15,76
11,43
14,43
109543
109534
109525
109516
10
tube&cap
109551
109542
109533
109524
100
66,56
62,23
65,23
109550
109541
109532
109523
80
53,86
49,53
52,53
109549
109540
109531
109522
70
47,51
43,18
46,18
109548
109539
109530
109521
60
41,16
36,83
39,83
109547
109538
109529
109520
50
34,81
30,48
33,48
109546
109537
109528
109519
40
28,46
24,13
27,13
Id-Nr.
100
9
80
11
70
12
60
14
50
17
40
21
30
27
20
38
10
64
Polzahl
No. of positions Stück / pieces
Class
A3
prior notice.
contact one of the ERNI companies
Date
Index
MINIMEZ
without clips 12,6mm
MiniMez Vertical Female DIP
109515
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
3
1,5
1,27
Verpackung Stange / Stange & Ansaughaube
packaging tube / tube&cap
M 2 : 1
Layout
b1
M 2 : 1
a1
1,27
B ±0,1
0,75
a1
b1
A ±0,15
0,5
1,27
B ±0,15
C ±0,15


Similar Part No. - 109518

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10951 ETC2-10951 Datasheet
254Kb / 3P
   Smooth, high torque, roller ratchet handle
logo
ERNI Electronics
109510 ERNI-109510 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109511 ERNI-109511 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109512 ERNI-109512 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109513 ERNI-109513 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
More results

Similar Description - 109518

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109423 ERNI-109423 Datasheet
50Kb / 1P
   MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
109331 ERNI-109331 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 7,4mm
109294 ERNI-109294 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 5,4mm
109220 ERNI-109220 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109257 ERNI-109257 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109478 ERNI-109478 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109585 ERNI-109585 Datasheet
42Kb / 1P
   MiniMez Male with Ejector DIP solder w/o clips w/o peg BM
109368 ERNI-109368 Datasheet
45Kb / 1P
   MiniMez Vertical Female SMT with pegs 4,6mm
109000 ERNI-109000 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com