Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109235 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109235
Description  MiniMez Vertical Male DIP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109235 Datasheet(HTML) 1 Page - ERNI Electronics

  109235 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Interpret dimensions according to ANSI Y15.5M-1994
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
9,41
5,08
tube&cap
100 mating-
cycles
Id-Nr.
tube&cap
10 mating-
cycles
Id-Nr.
tube
100 mating-
cycles
Id-Nr.
tube
10 mating-
cycles
Polzahl
no of positions Mass A Mass B
28,46
24,13
109250
109241
109232
109223
30
22,11
17,78
109249
109240
109231
109222
20
15,76
11,43
109248
109239
109230
109221
10
Id-Nr.
109256
109247
109238
109229
100
66,56
62,23
109255
109246
109237
109228
80
53,86
49,53
109254
109245
109236
109227
70
47,51
43,18
109253
109244
109235
109226
60
41,16
36,83
109252
109243
109234
109225
50
34,81
30,48
109251
109242
109233
109224
40
100
9
80
11
70
12
60
14
50
17
40
21
30
27
20
38
10
64
Polzahl
No. of positions Stück / pieces
Class
A3
prior notice.
contact one of the ERNI companies
Date
Index
MINIMEZ
without pegs 1,9mm
MiniMez Vertical Male DIP
109220
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
Verpackung Stange / Stange & Ansaughaube
packaging tube / tube&cap
M 2 : 1
Layout
M 2 : 1
b1
a1
±0,05
1,27
B ±0,1
b1
a1
A
0,4
1,27
B
A
A
SCHNITT A-A
5,65
1,27


Similar Part No. - 109235

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1092 SCHURTER-1092 Datasheet
697Kb / 7P
   IEC Appliance Inlet C14 with Fuseholder 1- or 2-pole
logo
Visual Communications C...
1092 VCC-1092 Datasheet
872Kb / 5P
   LED illumination
logo
List of Unclassifed Man...
1092-01A-5 ETC-1092-01A-5 Datasheet
998Kb / 8P
   End Launch Connector Series
1092-01A-6 ETC-1092-01A-6 Datasheet
998Kb / 8P
   End Launch Connector Series
1092-02A-5 ETC-1092-02A-5 Datasheet
998Kb / 8P
   End Launch Connector Series
More results

Similar Description - 109235

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109257 ERNI-109257 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109331 ERNI-109331 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 7,4mm
109294 ERNI-109294 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 5,4mm
109000 ERNI-109000 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109110 ERNI-109110 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109165 ERNI-109165 Datasheet
44Kb / 1P
   MiniMez Vertical Male SMT
109515 ERNI-109515 Datasheet
35Kb / 1P
   MiniMez Vertical Female DIP without clips 12,6mm
109478 ERNI-109478 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109585 ERNI-109585 Datasheet
42Kb / 1P
   MiniMez Male with Ejector DIP solder w/o clips w/o peg BM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com