Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109337 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109337
Description  MiniMez Vertical Male DIP without pegs 7,4mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109337 Datasheet(HTML) 1 Page - ERNI Electronics

  109337 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Interpret dimensions according to ANSI Y15.5M-1994
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
9,41
5,08
tube&cap
100 mating-
cycles
Id-Nr.
tube&cap
10 mating-
cycles
Id-Nr.
tube
100 mating-
cycles
Id-Nr.
tube
10 mating-
cycles
Polzahl
no of positions Mass A Mass B
28,46
24,13
109361
109352
109343
109334
30
22,11
17,78
109360
109351
109342
109333
20
15,76
11,43
109359
109350
109341
109332
10
Id-Nr.
109367
109358
109349
109340
100
66,56
62,23
109366
109357
109348
109339
80
53,86
49,53
109365
109356
109347
109338
70
47,51
43,18
109364
109355
109346
109337
60
41,16
36,83
109363
109354
109345
109336
50
34,81
30,48
109362
109353
109344
109335
40
100
9
80
11
70
12
60
14
50
17
40
21
30
27
20
38
10
64
Polzahl
No. of positions Stück / pieces
Class
A3
prior notice.
contact one of the ERNI companies
Date
Index
MINIMEZ
without pegs 7,4mm
MiniMez Vertical Male DIP
109331
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
SCHNITT A-A
5,65
1,27
Verpackung Stange / Stange & Ansaughaube
packaging tube / tube&cap
M 2 : 1
Layout
M 2 : 1
b1
a1
±0,05
1,27
B ±0,1
b1
a1
A
0,4
1,27
B
A
A


Similar Part No. - 109337

ManufacturerPart #DatasheetDescription
logo
Heyco.
10933 HEYCO-10933 Datasheet
108Kb / 1P
   Nylon PCB Supports - Stackable Self-Retaining Spacers
logo
ERNI Electronics
109330 ERNI-109330 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 5,4mm
More results

Similar Description - 109337

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109294 ERNI-109294 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 5,4mm
109220 ERNI-109220 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109257 ERNI-109257 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109478 ERNI-109478 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109515 ERNI-109515 Datasheet
35Kb / 1P
   MiniMez Vertical Female DIP without clips 12,6mm
109000 ERNI-109000 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109110 ERNI-109110 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109165 ERNI-109165 Datasheet
44Kb / 1P
   MiniMez Vertical Male SMT
109368 ERNI-109368 Datasheet
45Kb / 1P
   MiniMez Vertical Female SMT with pegs 4,6mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com