Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109170 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109170
Description  MiniMez Vertical Male SMT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109170 Datasheet(HTML) 1 Page - ERNI Electronics

  109170 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Verpackungseinheit: 250 Stück
Verpackt in Gurtverpackung
Tape on Reel Packaging
Packaging unit: 250pcs
Abspulrichtung -
Reel off Direction
M 2 : 1
b1
M 2 : 1
Layout
a1
1,27 ±0,05
0,6 ±0,05
B 0,1
C 0,1
1,5 ±0,05
cycles
Id-Nr.
11,43
14,43
tube&cap
100 mating-
tube
10 mating-
cycles
Polzahl
no of positions Mass A Mass B Mass C Mass D
32
109211
109202
109193
109184
109175
109166
10
9,41
5,08
8,08
24
Tape & reel packaging is always with assembly cap.
Bei Gurtverpackung ist Ansaughaube immer montiert.
cycles
Id-Nr.
tube&cap
10 mating-
cycles
Id-Nr.
tube
100 mating-
27,13
44
109213
109204
109195
109186
109177
109168
30
22,11
17,78
20,78
44
109212
109203
109194
109185
109176
109167
20
15,76
Interpret dimensions according to ANSI Y15.5M-1994
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
109219
109210
109201
109192
109183
109174
100
66,56
62,23
65,23
88
109218
109209
109200
109191
109182
109173
80
53,86
49,53
52,53
72
109217
109208
109199
109190
109181
109172
70
47,51
43,18
46,18
72
109216
109207
109198
109189
109180
109171
60
41,16
36,83
39,83
56
109215
109206
109197
109188
109179
109170
50
34,81
30,48
33,48
56
109214
109205
109196
109187
109178
109169
40
28,46
24,13
Id-Nr.
tape&reel
100 mating-
cycles
Id-Nr.
tape&reel
10 mating-
cycles
Id-Nr.
100
9
80
11
70
12
60
14
50
17
40
21
30
27
20
38
10
64
Polzahl
No. of positions Stück / pieces
Class
A3
prior notice.
contact one of the ERNI companies
Date
Index
MINIMEZ
with locating pegs 7,4mm
MiniMez Vertical Male SMT
109165
5:1
Information:
Tolerances
Scale
www.ERNI.com
before using.
in mm
I
All Dimensions
Drawing will not be updated.
Subject to modification without
Designation
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
1,27
0,8
C
0,4
A
A
b1
a1
A
SCHNITT A-A
6,11 ±0,3
5,65
Verpackung Stange / Stange & Ansaughaube
packaging tube / tube&cap


Similar Part No. - 109170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
10910 STMICROELECTRONICS-10910 Datasheet
134Kb / 7P
   3 LINES EMI FILTER INCLUDING ESD PROTECTION
December 2004 REV. 2
logo
List of Unclassifed Man...
10910 ETC2-10910 Datasheet
254Kb / 3P
   Smooth, high torque, roller ratchet handle
logo
ERNI Electronics
109100 ERNI-109100 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109101 ERNI-109101 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109102 ERNI-109102 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
More results

Similar Description - 109170

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109000 ERNI-109000 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109110 ERNI-109110 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109220 ERNI-109220 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109257 ERNI-109257 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP
109552 ERNI-109552 Datasheet
43Kb / 1P
   MiniMez Male with Ejector SMT Blindmate
109368 ERNI-109368 Datasheet
45Kb / 1P
   MiniMez Vertical Female SMT with pegs 4,6mm
109423 ERNI-109423 Datasheet
50Kb / 1P
   MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
109331 ERNI-109331 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 7,4mm
109294 ERNI-109294 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 5,4mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com