Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AB-FT21093WC Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part # AB-FT21093WC
Description  管徑 φ30mm 管長580mm 全長595mm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AB-FT21093WC Datasheet(HTML) 2 Page - A-BRIGHT Inc

  AB-FT21093WC Datasheet HTML 1Page - A-BRIGHT Inc AB-FT21093WC Datasheet HTML 2Page - A-BRIGHT Inc AB-FT21093WC Datasheet HTML 3Page - A-BRIGHT Inc AB-FT21093WC Datasheet HTML 4Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page︰2 of 4
產品料號︰
AB-FT21093WC
高亮度 LED 燈管
產品外觀尺寸︰


Similar Part No. - AB-FT21093WC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FT21093WC A-BRIGHT-AB-FT21093WC Datasheet
138Kb / 2P
   φ30x595mm LED Fluorescent Tube Light
AB-FT21093WC A-BRIGHT-AB-FT21093WC Datasheet
185Kb / 4P
   LED
AB-FT21093WC A-BRIGHT-AB-FT21093WC_15 Datasheet
185Kb / 4P
   LED
More results

Similar Description - AB-FT21093WC

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AB-FT21080SWD A-BRIGHT-AB-FT21080SWD Datasheet
175Kb / 4P
   管徑 φ30mm 管長580mm 全長595mm
AB-FT21080WD A-BRIGHT-AB-FT21080WD Datasheet
175Kb / 4P
   管徑 φ30mm 管長580mm 全長595mm
AB-FT21093SWC A-BRIGHT-AB-FT21093SWC Datasheet
185Kb / 4P
   管徑 φ30mm 管長580mm 全長595mm
AB-FT10493SWC A-BRIGHT-AB-FT10493SWC Datasheet
185Kb / 4P
   管徑 φ30mm 管長330mm 全長345mm
AB-FT10480SWD A-BRIGHT-AB-FT10480SWD Datasheet
175Kb / 4P
   管徑 φ30mm 管長330mm 全長345mm
AB-FT10480WD A-BRIGHT-AB-FT10480WD Datasheet
175Kb / 4P
   管徑 φ30mm 管長330mm 全長345mm
AB-FT10493WC A-BRIGHT-AB-FT10493WC Datasheet
185Kb / 4P
   管徑 φ30mm 管長330mm 全長345mm
logo
SIFIRST TECHNOLOGIES NA...
SF1531S SIFIRST-SF1531S Datasheet
63Kb / 2P
   管-BalanceTM Current Mode PWM Controller
SF5545 SIFIRST-SF5545 Datasheet
73Kb / 2P
   管-BalanceTM Current Mode PWM Controller
SF5539 SIFIRST-SF5539 Datasheet
87Kb / 2P
   管-BalanceTM PWM Power Switch Fixed 50KHz Fsw
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com