Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABH001-00 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ABH001-00
Description  AA and AB-Series Analog Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABH001-00 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ABH001-00 Datasheet HTML 1Page - List of Unclassifed Manufacturers ABH001-00 Datasheet HTML 2Page - List of Unclassifed Manufacturers ABH001-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers ABH001-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers ABH001-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers ABH001-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers ABH001-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers ABH001-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers ABH001-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AA and AB-Series Analog Sensors
- 13 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
Quick Reference: AA and AB-Series
For comparison and product selection purposes, the following table lists all available AA and AB-
Series analog sensors, with some of their key characteristics:
Magnetometers:
Part
Number
Linear
Range
(|Oe
1|)
Sensitivity
(mV/V-Oe
1)
Maximum
Non-
linearity
(% Uni.
2)
Maximum
Hyster-
esis
(% Uni.
2)
Maximum
Operating
Temp
(°C)
Typical
Resis-
tance
(Ohms)
Package
Min
Max
Min
Max
AA002-02
1.5
10.5
3.0
4.2
2
4
125
5K
SOIC8
AA003-02
2.0
14
2
3.2
2
4
125
5K
SOIC8
AA004-00
5.0
35
0.9
1.3
2
4
125
5K
MSOP8
AA004-02
5.0
35
0.9
1.3
2
4
125
5K
SOIC8
AA005-02
10.0
70
0.45
0.65
2
4
125
5K
SOIC8
AA006-00
5.0
35
0.9
1.3
2
4
125
30K
MSOP8
AA006-02
5.0
35
0.9
1.3
2
4
125
30K
SOIC8
AAH002-02
0.6
3.0
11.0
18.0
6
15
150
2K
SOIC8
AAH004-00
1.5
7.5
3.2
4.8
4
15
150
2K
MSOP8
AAL002-02
1.5
10.5
3.0
4.2
2
2
150
5.5K
SOIC8
Gradiometers:
Part
Number
Linear
Range
(|Oe
1|)
Resistor
Spacing
(mm)
Maximum
Non-
linearity
(% Uni.
2)
Maximum
Hyster-
esis
(% Uni.
2)
Maximum
Operating
Temp
(°C)
Typical
Resis-
tance
(Ohms)
Package
Min
Max
AB001-02
20
200
0.5
2
4
125
2.5K
SOIC8
AB001-00
20
200
0.5
2
4
125
2.5K
MSOP8
ABH001-00
5
40
0.5
4
15
150
1.2K
MSOP8
Notes
:
1.
Oersted (Oe) = 1 Gauss in air.
2. Unipolar operation means exposure to magnetic fields of one polarity, for example 0 to +30 Gauss, or -2 to -50 Gauss.
Bipolar operation (for example, -5 to +10 Gauss) will increase nonlinearity and hysteresis


Similar Part No. - ABH001-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABH001-00 ETC-ABH001-00 Datasheet
110Kb / 4P
   Excellent Sensitivity to Applied Magnetic Fields
logo
RHOPOINT COMPONENTS
ABH001-00 RHOPOINT-ABH001-00 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
ABH001-00 ETC2-ABH001-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
ABH001-00 ETC2-ABH001-00 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
More results

Similar Description - ABH001-00

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA002-02 RHOPOINT-AA002-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA002-02E ETC2-AA002-02E Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
Texas Instruments
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com