Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1210PSWPNL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A1210PSWPNL
Description  Mounting brackets required to meet UL/CSA external mounting requirements.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A1210PSWPNL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A1210PSWPNL Datasheet HTML 1Page - List of Unclassifed Manufacturers A1210PSWPNL Datasheet HTML 2Page - List of Unclassifed Manufacturers A1210PSWPNL Datasheet HTML 3Page - List of Unclassifed Manufacturers A1210PSWPNL Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Spec-00214 E
Polyester POLYPRO™, TYPe 4X
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
NoN-Metallic
1
Spec-00214
e763.422.2211
763.422.2600
NoN-Metallic
Polyester
PolyPro™, tyPe 4X
PolyPro™, tyPe 4X
TM
iNDUstry staNDarDs
Mounting brackets required to meet UL/CSA external mounting
requirements.
UL 508A Listed; Type 4, 4X, 12, 13; File No. E61997
cUL Listed per CSA C22.2 No 94; Type 4, 4X, 12, 13; File No.
E61997
Enclosure flammability evaluated per UL 508A
Window flammability evaluated per UL 508A
NEMA/EEMAC Type 4, 4X, 12, 13
CSA File No. 42186; Type 4, 4X, 12, 13 (solid covers only)
IEC 60529, IP66
aPPlicatioN
POLYPRO™ polyester enclosures perform exceptionally well
in applications where harsh chemicals, weather extremes and
corrosive environments demand toughness from a lightweight
enclosure. Providing excellent ultraviolet protection and a tight
environmental seal, these versatile, feature-rich enclosures are
also recyclable.
sPeciFicatioNs
Non-glass-filled polyester material offers superior UV
resistance; eliminates fiberbloom associated with fiberglass
Provides excellent chemical resistance to a broad range of
solvents, alkalis and acids
Resists cracking and provides excellent impact resistance
Lighter-weight than fiberglass
Recyclable
Easy, dustless in-field modifications using standard tools
Overlapping tongue-and-groove raised cover and gasket provide
a secure Type 4X seal
Removable snap-hinge cover allows for easy access to cover and
body for modifications
Molded layout grid on inside of body and solid covers assists with
component mounting
Molded-in embosses for rear panel mounting
Optional cover screws included with all models
Internal rail system and adjustable panel blocks allow for panel
height adjustment and installation of multiple panels
Scratch-resistant polycarbonate windows
Standard models include body and cover, two mounting feet,
two latch assemblies with optional cover screws and hardware
(adjustable panel blocks and panels sold separately)
FiNisH
RAL 7035 light-gray textured finish inside and out
accessories
See also Accessories.
Adjustable Panel Block Kit
Panels for Junction Boxes
HOL-SEALERSTM Non-Metallic Hole Seals
Aluminum Swing-Out Panels
Stainless Steel Latches (Padlockable)
Hinge Retainers
MoDiFicatioN aND cUstoMiZatioN
Hoffman excels at modifying and customizing products to
your specifications. Contact your local Hoffman sales office or
distributor for complete information.
Bulletin: pcR


Similar Part No. - A1210PSWPNL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1210 ALLEGRO-A1210 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
logo
List of Unclassifed Man...
A1210 ETC1-A1210 Datasheet
100Kb / 3P
   Zero Voltage and Random Turn-On Switching
logo
Crydom Inc.,
A1210 CRYDOM-A1210 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
A1210 CRYDOM-A1210 Datasheet
747Kb / 7P
   panel mount
logo
Allegro MicroSystems
A1210 ALLEGRO-A1210 Datasheet
292Kb / 14P
   Continuous-Time Latch Family
More results

Similar Description - A1210PSWPNL

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
ANX-1390 BUD-ANX-1390 Datasheet
81Kb / 1P
   DIE CAST EXTERNAL MOUNTING BRACKETS
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
   Mounting Brackets
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
   Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com