Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAL002-02 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AAL002-02
Description  AA and AB-Series Analog Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AAL002-02 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AAL002-02 Datasheet HTML 5Page - List of Unclassifed Manufacturers AAL002-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers AAL002-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers AAL002-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers AAL002-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers AAL002-02 Datasheet HTML 10Page - List of Unclassifed Manufacturers AAL002-02 Datasheet HTML 11Page - List of Unclassifed Manufacturers AAL002-02 Datasheet HTML 12Page - List of Unclassifed Manufacturers AAL002-02 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AAV Sensors
- 20 -
www.nve.com phone: 952-829-9217 fax: 952-829-9189
AAV Sensors
Features:
Operates in Magnetic Saturation, 30 to 200 Gauss
Half-Bridge or Individual Resistor Configurations
Sine and Cosine Outputs Available
Utilizes Spin Valve GMR Material
Precise Detection of Magnetic Field
Ultra-Small PLLP Package
Cannot Be Damaged by Large External Magnetic Fields
Description:
The AAV001-11 and AAV002-11 are arrays of four GMR resistors rotated at 90-degree intervals in
the package. The AAV001-11 features independent resistors that can be wired together to form two
half-bridges, or used as independent resistors. The AAV002-11 has the bridge connections made
internally to the package. For either part, the output can be configured to represent the sine and cosine
function of the magnetic field being applied to the sensor. Each resistor is 1.5 k
Ω nominal resistance
and output of each half-bridge is ratiometric with the power supply voltage. The part features NVE’s
PLLP6 housing, which is a 3.0 mm x 3.0 mm x 0.9 mm thick surface mount package.
Operation:
The sensor elements contain two magnetic layers: a pinned, or fixed-direction layer, and a movable or
free layer. The diagram below illustrates the configuration with arrows representing the two layers:
Angle Between Pinned
and Free Layers
Determines Electrical
Resistance of Sensor
Free Layer Aligns
with the Applied
Magnetic Field


Similar Part No. - AAL002-02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AAL002-02 RHOPOINT-AAL002-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AAL002-02 ETC2-AAL002-02 Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
More results

Similar Description - AAL002-02

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
AA002-02 RHOPOINT-AA002-02 Datasheet
183Kb / 1P
   AA and AB-Series Analog Sensors
logo
List of Unclassifed Man...
AA002-02E ETC2-AA002-02E Datasheet
183Kb / 16P
   AA and AB-Series Analog Sensors
logo
Texas Instruments
LMT87 TI-LMT87_15 Datasheet
1Mb / 25P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT86 TI1-LMT86_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT86 TI-LMT86_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92,Analog Temperature Sensors with Class-AB Output
LMT85 TI1-LMT85_17 Datasheet
1Mb / 30P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI1-LMT87_17 Datasheet
1Mb / 29P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT85 TI-LMT85_15 Datasheet
1Mb / 26P
[Old version datasheet]   SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT84 TI1-LMT84_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.5V, SC70/TO-92, Analog Temperature Sensors with Class-AB Output
LMT87 TI-LMT87 Datasheet
1,019Kb / 16P
[Old version datasheet]   LMT87 LMT87-Q1 SC70 Analog Temperature Sensors with Class-AB Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com