Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29010L-70F Datasheet(PDF) 6 Page - AMIC Technology

Part # A29010L-70F
Description  128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29010L-70F Datasheet(HTML) 6 Page - AMIC Technology

Back Button A29010L-70F Datasheet HTML 2Page - AMIC Technology A29010L-70F Datasheet HTML 3Page - AMIC Technology A29010L-70F Datasheet HTML 4Page - AMIC Technology A29010L-70F Datasheet HTML 5Page - AMIC Technology A29010L-70F Datasheet HTML 6Page - AMIC Technology A29010L-70F Datasheet HTML 7Page - AMIC Technology A29010L-70F Datasheet HTML 8Page - AMIC Technology A29010L-70F Datasheet HTML 9Page - AMIC Technology A29010L-70F Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
A29010 Series
(July, 2012, Version 1.5)
5
AMIC Technology, Corp.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the
CE and OE pins to VIL. CE is the power control and selects
the device.
OE is the output control and gates array data to the
output pins.
WE should remain at VIH all the time during read
operation. The internal state machine is set for reading array
data upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory content
occurs during the power transition. No command is necessary
in this mode to obtain array data. Standard microprocessor read
cycles that assert valid addresses on the device address inputs
produce valid data on the device data outputs. The device
remains enabled for read access until the command register
contents are altered.
See "Reading Array Data" for more information. Refer to the AC
Read Operations table for timing specifications and to the Read
Operations Timings diagram for the timing waveforms, lCC1 in
the DC Characteristics table represents the active current
specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes
programming data to the device and erasing sectors of
memory), the system must drive
WE and CE to VIL, and OE
to VIH. An erase operation can erase one sector, multiple
sectors, or the entire device. The Sector Address Tables
indicate the address range that each sector occupies. A "sector
address" consists of the address inputs required to uniquely
select a sector. See the "Command Definitions" section for
details
on
erasing
a
sector
or
the
entire
chip,
or
suspending/resuming the erase operation.
After the system writes the autoselect command sequence, the
device enters the autoselect mode. The system can then read
autoselect codes from the internal register (which is separate
from the memory array) on I/O7 - I/O0. Standard read cycle
timings apply in this mode. Refer to the "Autoselect Mode" and
"Autoselect
Command
Sequence"
sections
for
more
information.
ICC2 in the Characteristics table represents the active current
specification for the write mode. The "AC Characteristics"
section contains timing specification tables and timing diagrams
for write operations.
Program and Erase Operation Status
During an erase or program operation, the system may check
the status of the operation by reading the status bits on I/O7 -
I/O0. Standard read cycle timings and ICC read specifications
apply. Refer to "Write Operation Status" for more information,
and to each AC Characteristics section for timing diagrams.
Standby Mode
When the system is not reading or writing to the device, it can
place the device in the standby mode. In this mode, current
consumption is greatly reduced, and the outputs are placed in
the high impedance state, independent of the
OE input.
The device enters the CMOS standby mode when the
CE is
held at VCC
± 0.5V. (Note that this is a more restricted voltage
range than VIH.) The device enters the TTL standby mode when
CE is held at VIH. The device requires the standard access
time (tCE) before it is ready to read data.
If the device is deselected during erasure or programming, the
device draws active current until the operation is completed.
ICC3 in the DC Characteristics tables represents the standby
current specification.
Output Disable Mode
When the
OE input is at VIH, output from the device is
disabled. The output pins are placed in the high impedance
state.
Table 2. A29010 Block Sector Address Table
Sector
A16
A15
Sector Size (Kbytes)
Address Range
SA0
0
0
32
00000h - 07FFFh
SA1
0
1
32
08000h - 0FFFFh
SA2
1
0
32
10000h - 17FFFh
SA3
1
1
32
18000h - 1FFFFh


Similar Part No. - A29010L-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010L-70 AMICC-A29010L-70 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - A29010L-70F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29010B AMICC-A29010B Datasheet
351Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF010-55CCIN ALSC-AS29CF010-55CCIN Datasheet
600Kb / 28P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
AMIC Technology
A29010 AMICC-A29010 Datasheet
288Kb / 30P
   128K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512A AMICC-A29512A Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29512 AMICC-A29512 Datasheet
293Kb / 31P
   64K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29001B AMICC-A29001B Datasheet
387Kb / 33P
   128K X 8 Bit CMOS 5.0 Volt-only,Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com