Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A10381 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # A10381
Description  Indica 2.4 GHz Chip Antenna
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A10381 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  A10381 Datasheet HTML 1Page - List of Unclassifed Manufacturers A10381 Datasheet HTML 2Page - List of Unclassifed Manufacturers A10381 Datasheet HTML 3Page - List of Unclassifed Manufacturers A10381 Datasheet HTML 4Page - List of Unclassifed Manufacturers A10381 Datasheet HTML 5Page - List of Unclassifed Manufacturers A10381 Datasheet HTML 6Page - List of Unclassifed Manufacturers A10381 Datasheet HTML 7Page - List of Unclassifed Manufacturers A10381 Datasheet HTML 8Page - List of Unclassifed Manufacturers A10381 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Indica 2.4 GHz Chip Antenna
Part No. A10381
Antennas for Wireless M2M Applications
3
Product Specification 10MD-0037-6-PS
7 Electrical performance
7-1
Return Loss
2300
2350
2400
2450
2500
2550
2600
-25
-20
-15
-10
-5
0
5
1
2
[MHz]
[dB]
mtool5
MARKERS:
MHz
dB
indica.s1p
1: 2402
-12.52
2: 2480
-10.26
7-2
VSWR
2300
2350
2400
2450
2500
2550
2600
1
2
3
4
5
6
7
8
9
10
1
2
[MHz]
mtool5
MARKERS:
MHz
indica.s1p
1: 2402
1.62
2: 2480
1.89


Similar Part No. - A10381

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A10381 ETC2-A10381_15 Datasheet
1,004Kb / 14P
   A10381_15
More results

Similar Description - A10381

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACAG0201-2450-EVB ABRACON-ACAG0201-2450-EVB Datasheet
1Mb / 4P
   2.4 GHz Ceramic Chip Antenna Evaluation Board
09-19-19
logo
Pulse A Technitrol Comp...
W3001 PULSE-W3001 Datasheet
800Kb / 10P
   2.4 GHz WiFi Antenna
logo
List of Unclassifed Man...
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
   2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
   2.4 GHz panel antenna
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
   2.4 GHz panel antenna
logo
Laird Tech Smart Techno...
IF2450 LSTD-IF2450 Datasheet
1Mb / 1P
   2.4 GHz MicroSphere Antenna
logo
List of Unclassifed Man...
A5645 ETC2-A5645 Datasheet
1Mb / 12P
   Mica 2.4 GHz SMD Antenna
logo
Abracon Corporation
ACAG0301-24505500-T ABRACON-ACAG0301-24505500-T Datasheet
8Mb / 6P
   Dual band (2.4 GHz & 5.5 GHz) WiFi/Bluetooth Chip Antenna
06.21.2018
logo
List of Unclassifed Man...
A6150-U1 ETC2-A6150-U1 Datasheet
874Kb / 13P
   Impexa 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
   Rufa 2.4 GHz SMD Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com