Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6281EESTR-T Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A6281EESTR-T
Description  3-Channel Constant Current LED Driver with Programmable PWM Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6281EESTR-T Datasheet(HTML) 2 Page - Allegro MicroSystems

  A6281EESTR-T Datasheet HTML 1Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 2Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 3Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 4Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 5Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 6Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 7Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 8Page - Allegro MicroSystems A6281EESTR-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3-Channel Constant Current LED Driver
with Programmable PWM Control
A6281
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
bus, thus eliminating the need for a separate chip supply bus or an
external regulator.
Applications include:
▪ Colored, large-character LED signs
▪ Scrolling, colored marquees
▪ Architectural lighting
▪ High intensity monochrome displays
▪ Large video and graphic displays
The A6281 is supplied in a 3 mm × 3 mm 16-terminal QFN (suffix
‘ES’) package, with 0.75 mm nominal overall height. The package
is lead (Pb) free with 100% matte-tin leadframe plating.
Part Number
Packing*
Mounting
A6281EESTR-T
1500 pieces/reel
16 terminal QFN
*Contact Allegro for additional packing options.
Selection Guide
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VIN
17
V
Output Voltage
VOUT
OUT0, OUT1, OUT2
–0.5 to 17
V
Output Current
IOUT
170
mA
Ground Current
IGND
600
mA
VREG Pin
VREG
6V
Logic Outputs
VO
CO, LO, OEO, SDO
7
V
Logic Input Voltage Range
VI
CI, LI, OEI, SDI
–0.3 to 7
V
Operating Ambient Temperature
TA
Range E
–40 to 85
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–55 to 150
ºC
Description (continued)
Thermal Characteristics
Characteristic
Symbol
Test Conditions*
Rating Units
Package Thermal Resistance
RθJA
4-layer PCB based on JEDEC standard
47
ºC/W
*For additional information, refer to the Allegro website.
25
50
75
100
125
150
Temperature (°C)
4500
4000
3500
3000
2500
2000
1500
1000
500
0
(R
JA = 47
ºC/W)
4 layer
PCB
Power Dissipation versus Ambient Temperature


Similar Part No. - A6281EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
More results

Similar Description - A6281EESTR-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6281 ALLEGRO-A6281 Datasheet
308Kb / 11P
   3-Channel Constant Current LED Driver with Programmable PWM Control
A6280_V ALLEGRO-A6280_V Datasheet
327Kb / 13P
   3-Channel Constant-Current LED Driver with Programmable PWM Control
logo
WORLDSEMI CO., LIMITED
WS2801 WORLDSEMI-WS2801 Datasheet
373Kb / 15P
   3-Channel Constant Current LED Driver With Programmable PWM Outputs
logo
Allegro MicroSystems
A6280 ALLEGRO-A6280 Datasheet
401Kb / 11P
   3 Bit Constant Current LED Driver with PWM Control
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
   Constant Current LED Driver with PWM Control
NJU6080 NJRC-NJU6080 Datasheet
154Kb / 8P
   CONSTANT CURRENT LED DRIVER with PWM CONTROL
NJW4616 NJRC-NJW4616 Datasheet
223Kb / 4P
   Constant Current LED Driver with PWM Control
logo
Silicon Touch Technolog...
DM633 SITI-DM633 Datasheet
506Kb / 26P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
DM631 SITI-DM631 Datasheet
500Kb / 24P
   16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com