Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42PSWG3-EA-4.3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 42PSWG3-EA-4.3
Description  Access Server AX
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

42PSWG3-EA-4.3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  42PSWG3-EA-4.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers 42PSWG3-EA-4.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers 42PSWG3-EA-4.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TECHNICAL DATA
Software
Embedded Linux™ operating system
Built-in applications for eHealth, Bluetooth proximity
marketing and network connectivity
Bluetooth 2.1 + EDR stack with SPP, OBEX OPP/FTP,
PAN, LAN Access, DUN-GW, DI and HDP profiles
Remote management via Bluegiga Solution Manager
Possibility to develop additional software with SDK
Interfaces and HW
ARM9 CPU with 200MHz
128MB RAM
1GB flash (extendable with USB or microSD card)
Three class 1, Bluetooth 2.1 + EDR radios
10/100Mbps LAN with Power over Ethernet
802.11 b/g with external antenna
Optional integrated 2G or 3G modem
USB 2.0 compliant host
MicroSD card slot
Power supply: 6-24V
Certifications
Bluetooth 2.1 + EDR
CE, FCC and IC
Product Codes
AX4
42PSW03-EA-4.2
AX4 with GPRS/ EDGE
42PSWG3 EA-4.2
AX4 with 3G
42PSW33-EA-4.2
AX4 Software Development Kit
W9SWCD
Other Products
Access Servers: 2291, 2293
Access Points: 3201, 3241
Bluegiga Solution Manager (BSM)
Mechanical Details
Size: 188 x 120 x 33mm
Weight: 340g
For more information about Bluegiga Technologies, please contact:
Bluegiga Technologies Oy
Sinikalliontie 5 A
02630 Espoo, Finland
Phone: +358 9 435 50 60
Fax: +358 9 435 50 660
www.bluegiga.com
sales@bluegiga.com
© Bluegiga Technologies 2000-2011.
Bluegiga Technologies takes no responsibility for any mistakes that
might appear in this document. It reserves the right to change devices,
software or specifications detailed here at any time without notice,
and does not make any commitment to update the information
contained here. Bluegiga products are not authorised for any use as
critical components in life support devices or systems.
Bluegiga Access Server, Access Point, AX4, BSM, iWRAP and WRAP
THOR are trademarks of Bluegiga Technologies.
The Bluetooth trademark and logo are registered trademarks and
are owned by the Bluetooth SIG, Inc.


Similar Part No. - 42PSWG3-EA-4.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
42PS TI-42PS Datasheet
56Kb / 4P
[Old version datasheet]   25PS, 42PS, 44PS, 45PS and 46PS Series Pressure Switches
More results

Similar Description - 42PSWG3-EA-4.3

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2985945 PHOENIX-2985945 Datasheet
84Kb / 3P
   AX OPC SERVER
2988463 PHOENIX-2988463 Datasheet
52Kb / 3P
   Software - AX OPC SERVER CPY
2700623 PHOENIX-2700623 Datasheet
55Kb / 3P
   Visu RT and AX OPC server integrated as standard in all devices
2700622 PHOENIX-2700622 Datasheet
55Kb / 3P
   Visu RT and AX OPC server integrated as standard in all devices
2700913 PHOENIX-2700913 Datasheet
56Kb / 4P
   Visu RT and AX OPC server integrated as standard in all devices
2701720 PHOENIX-2701720 Datasheet
53Kb / 2P
   Visu RT and AX OPC server integrated as standard in all devices
2700621 PHOENIX-2700621 Datasheet
55Kb / 3P
   Visu RT and AX OPC server integrated as standard in all devices
2988900 PHOENIX-2988900 Datasheet
47Kb / 2P
   Software - AX SALES
logo
Lapp.
21700538 LAPP-21700538 Datasheet
139Kb / 1P
   ED-CAN-AX
17.09.2018
logo
Fuji Electric
EDSX5-73 FUJI-EDSX5-73 Datasheet
165Kb / 8P
   FCX ??AX SERIES PRESSURE TRANSMITTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com