Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH1894-Z-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH1894-Z-7
Description  PROGRAMMABLE HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1894-Z-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH1894-Z-7 Datasheet HTML 1Page - Diodes Incorporated AH1894-Z-7 Datasheet HTML 2Page - Diodes Incorporated AH1894-Z-7 Datasheet HTML 3Page - Diodes Incorporated AH1894-Z-7 Datasheet HTML 4Page - Diodes Incorporated AH1894-Z-7 Datasheet HTML 5Page - Diodes Incorporated AH1894-Z-7 Datasheet HTML 6Page - Diodes Incorporated AH1894-Z-7 Datasheet HTML 7Page - Diodes Incorporated AH1894-Z-7 Datasheet HTML 8Page - Diodes Incorporated AH1894-Z-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AH1894
Document number: DS35741 Rev. 1 - 2
3 of 13
www.diodes.com
July 2013
© Diodes Incorporated
AH1894
Absolute Maximum Ratings (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (Note 7)
6
V
VDD_REV
Reverse Supply Voltage
-0.3
V
IOUTPUT
Output current (source and sink)
3.5
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
X1-DFN1216-4
230
mW
SOT553
230
mW
Ts
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
150
°C
ESD HBM
Human Body Model (HMB) ESD capability
VDD, GND and OUTPUT pins
8
kV
BSEL pin
6
kV
Notes:
6. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
7. The absolute maximum VDD of 6V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to
operate the device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
1.6V to 3.6V
V
TA
Operating Temperature Range
Operating
-40 to +85
°C
Electrical Characteristics (@TA = +25°C, V
DD = 1.85V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Output Low Voltage (on)
IOUT = 1mA
0.1
0.2
V
VOH
Output High Voltage (off)
IOUT = -1mA
VDD -0.2
VDD -0.1
V
Ioff
Output Leakage Current
VOUT = 3.6V, Output off
-
<
0.1
1
µA
VSEL_LB
BSEL pin input voltage – Low Band
0
0.5
V
VSEL_HB
BSEL pin input voltage – High Band
1.4
3.6
V
RPD_BSEL
BSEL pin internal pull-down resistor
(Note 8)
50
k
IDD(awake)
Supply Current
During ‘awake’ period,
TA = +25°C, VDD = 3V
2.1
mA
IDD(sleep)
During ‘sleep’ period,
TA = +25°C, VDD = 3V
2.5
mA
IDD(avg)
Average Supply Current
TA = +25°C, VDD = 1.85V
4.3
8
µA
TA = +25°C, VDD = 3.6V
7.2
13
µA
Tawake
Awake Time
(Note 9)
50
100
µs
Tperiod
Period
(Note 9)
50
100
ms
D.C.
Duty Cycle
(Note 10)
0.1
%
Notes:
8. BSEL pin internal pull-down resistor is only active during AWAKE time
9. When power is initially on, the operating VDD (1.6V to 3.6V) must be applied to guarantee the output sampling.
The output state is valid after the second operating phase (typical 100ms).
10. Transition time varies dependant on the timing of BSEL activation during the sleep and awake phases.


Similar Part No. - AH1894-Z-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1891 DIODES-AH1891 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1891-CA4-7 DIODES-AH1891-CA4-7 Datasheet
256Kb / 7P
   MINIATURE MICROPOWER OMNIPOLAR HALL EFFECT SWITCH
AH1892 DIODES-AH1892 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1892-CD4-7 DIODES-AH1892-CD4-7 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
AH1892-Z-7 DIODES-AH1892-Z-7 Datasheet
299Kb / 11P
   PROGRAMMABLE MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR SWITCH
More results

Similar Description - AH1894-Z-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9247 DIODES-AH9247 Datasheet
723Kb / 16P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com