Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH1902-FA-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH1902-FA-7
Description  HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1902-FA-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AH1902-FA-7 Datasheet HTML 2Page - Diodes Incorporated AH1902-FA-7 Datasheet HTML 3Page - Diodes Incorporated AH1902-FA-7 Datasheet HTML 4Page - Diodes Incorporated AH1902-FA-7 Datasheet HTML 5Page - Diodes Incorporated AH1902-FA-7 Datasheet HTML 6Page - Diodes Incorporated AH1902-FA-7 Datasheet HTML 7Page - Diodes Incorporated AH1902-FA-7 Datasheet HTML 8Page - Diodes Incorporated AH1902-FA-7 Datasheet HTML 9Page - Diodes Incorporated AH1902-FA-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AH1902
Document number: DS36533 Rev. 2 - 2
7 of 10
www.diodes.com
January 2014
© Diodes Incorporated
AH1902
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(1) Package Type: X1-DFN1216-4
Bottom View
Sensor Location
X1-DFN1216-4
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0.00
0.05
0.02
A3
--
--
0.13
b
0.15
0.25
0.20
D
1.15
1.25
1.20
D2
0.75
0.95
0.85
E
1.55
1.65
1.60
E2
0.55
0.75
0.65
e
-
-
0.65
L
0.20
0.30
0.25
Z
-
-
0.175
All Dimensions in mm
Z
A 1
C ' 0 . 2 x 4 5 °
D
D 2
E
e
b
L
E 2
A
A 3
P i n # 1 I D
S e a t i n g P l a n e


Similar Part No. - AH1902-FA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1902-FA-7 DIODES-AH1902-FA-7 Datasheet
563Kb / 11P
   HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
More results

Similar Description - AH1902-FA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1897 DIODES-AH1897 Datasheet
296Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
AH1902 DIODES-AH1902_16 Datasheet
563Kb / 11P
   HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
AH1895 DIODES-AH1895 Datasheet
308Kb / 10P
   MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
AH1807 DIODES-AH1807_15 Datasheet
685Kb / 13P
   MEDIUM SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
AH1809 DIODES-AH1809_15 Datasheet
624Kb / 13P
   LOW SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com