Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH3360-Z-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH3360-Z-7
Description  HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3360-Z-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH3360-Z-7 Datasheet HTML 1Page - Diodes Incorporated AH3360-Z-7 Datasheet HTML 2Page - Diodes Incorporated AH3360-Z-7 Datasheet HTML 3Page - Diodes Incorporated AH3360-Z-7 Datasheet HTML 4Page - Diodes Incorporated AH3360-Z-7 Datasheet HTML 5Page - Diodes Incorporated AH3360-Z-7 Datasheet HTML 6Page - Diodes Incorporated AH3360-Z-7 Datasheet HTML 7Page - Diodes Incorporated AH3360-Z-7 Datasheet HTML 8Page - Diodes Incorporated AH3360-Z-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AH3360
Document number: DS35744 Rev. 1 - 2
3 of 11
www.diodes.com
August 2013
© Diodes Incorporated
AH3360
Absolute Maximum Ratings (Note 6) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage (Note 7)
6
V
VDD_REV
Reverse Supply Voltage
-0.3
V
IOUTPUT
Output Current (source and sink)
3
mA
B
Magnetic Flux Density
Unlimited
PD
Package Power Dissipation
X1-DFN1216-4, X2-DFN2015-6
230
mW
SOT553
230
mW
Ts
Storage Temperature Range
-65 to +150
°C
TJ
Maximum Junction Temperature
150
°C
ESD HBM
Human Body Model (HMB) ESD Capability
8
kV
Notes:
6. Stresses greater than the 'Absolute Maximum Ratings' specified above may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be
affected by exposure to absolute maximum rating conditions for extended periods of time.
7. The absolute maximum VDD of 6V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to
operate the device at the absolute maximum rated conditions for any period of time.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Rating
Unit
VDD
Supply Voltage
Operating
1.6V to 3.6V
V
TA
Operating Temperature Range
Operating
-40 to +85
°C
Electrical Characteristics (@TA = +25°C, V
DD = 1.85V, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOL
Output Low Voltage (on)
IOUT = 1mA
0.1
0.2
V
VOH
Output High Voltage (off)
IOUT = -1mA
VDD -0.2
VDD -0.1
V
Ioff
Output Leakage Current
VOUT = 3.6V, Output off
<
0.1
1
µA
IDD(awake)
Supply Current
During ‘awake’ period,
TA = +25°C, VDD = 3V
2.1
mA
IDD(sleep)
During ‘sleep’ period,
TA = +25°C, VDD = 3V
2.5
mA
IDD(avg)
Average Supply Current
TA = +25°C, VDD = 1.85V
4.3
8
µA
TA = +25°C, VDD = 3.6V
7.2
13
µA
Tawake
Awake Time
(Note 8)
50
100
µs
Tperiod
Period
(Note 8)
50
100
ms
D.C.
Duty Cycle
0.1
%
Notes:
8. When power is initially turned on, the operating VDD (1.6V to 3.6V) must be applied to guaranteed the output sampling.
The output state is valid after the second operating cycle (typical 100ms).


Similar Part No. - AH3360-Z-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3362Q-P-A DIODES-AH3362Q-P-A Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3362Q-P-B DIODES-AH3362Q-P-B Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3362Q-SA-7 DIODES-AH3362Q-SA-7 Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3362Q-W-7 DIODES-AH3362Q-W-7 Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
More results

Similar Description - AH3360-Z-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1903 DIODES-AH1903 Datasheet
574Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR/OMNIPOLAR SELECTABLE HALL-EFFECT SWITCH
logo
Taiwan Semiconductor Co...
TSH282 TSC-TSH282 Datasheet
333Kb / 8P
   Sensitivity Unipolar Hall Effect Switch
logo
Major-Power Technology ...
MA7030N MPOWER-MA7030N Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.0
MA7030S MPOWER-MA7030S Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.1
MA7008 MPOWER-MA7008 Datasheet
128Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.0.4
logo
Diodes Incorporated
AH3372 DIODES-AH3372_18 Datasheet
797Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373 Datasheet
834Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3372 DIODES-AH3372 Datasheet
807Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373_18 Datasheet
892Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3376 DIODES-AH3376 Datasheet
840Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com