Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH3360-FA-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AH3360-FA-7
Description  HIGH SENSITIVITY MICROPOWER UNIPOLAR HALL-EFFECT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH3360-FA-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AH3360-FA-7 Datasheet HTML 3Page - Diodes Incorporated AH3360-FA-7 Datasheet HTML 4Page - Diodes Incorporated AH3360-FA-7 Datasheet HTML 5Page - Diodes Incorporated AH3360-FA-7 Datasheet HTML 6Page - Diodes Incorporated AH3360-FA-7 Datasheet HTML 7Page - Diodes Incorporated AH3360-FA-7 Datasheet HTML 8Page - Diodes Incorporated AH3360-FA-7 Datasheet HTML 9Page - Diodes Incorporated AH3360-FA-7 Datasheet HTML 10Page - Diodes Incorporated AH3360-FA-7 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AH3360
Document number: DS35744 Rev. 1 - 2
7 of 11
www.diodes.com
August 2013
© Diodes Incorporated
AH3360
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
(1)
Package Type: X1-DFN1216-4
Bottom View
Sensor Location
X1-DFN1216-4
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0.00
0.05
0.02
A3
--
--
0.13
b
0.15
0.25
0.20
D
1.15
1.25
1.20
D2
0.75
0.95
0.85
E
1.55
1.65
1.60
E2
0.55
0.75
0.65
e
-
-
0.65
L
0.20
0.30
0.25
Z
-
-
0.175
All Dimensions in mm
Z
A 1
C ' 0 . 2 x 4 5 °
D
D 2
E
e
b
L
E 2
A
A 3
P i n # 1 I D
S e a t i n g P l a n e


Similar Part No. - AH3360-FA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3362Q DIODES-AH3362Q Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3362Q-P-A DIODES-AH3362Q-P-A Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3362Q-P-B DIODES-AH3362Q-P-B Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3362Q-SA-7 DIODES-AH3362Q-SA-7 Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
AH3362Q-W-7 DIODES-AH3362Q-W-7 Datasheet
810Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT UNIPOLAR SWITCH
More results

Similar Description - AH3360-FA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1903 DIODES-AH1903 Datasheet
574Kb / 11P
   HIGH SENSITIVITY MICROPOWER UNIPOLAR/OMNIPOLAR SELECTABLE HALL-EFFECT SWITCH
logo
Taiwan Semiconductor Co...
TSH282 TSC-TSH282 Datasheet
333Kb / 8P
   Sensitivity Unipolar Hall Effect Switch
logo
Major-Power Technology ...
MA7030N MPOWER-MA7030N Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.0
MA7030S MPOWER-MA7030S Datasheet
129Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.1.1
MA7008 MPOWER-MA7008 Datasheet
128Kb / 2P
   MicroPower, Unipolar Hall Effect Switch
Rev.0.4
logo
Diodes Incorporated
AH3372 DIODES-AH3372_18 Datasheet
797Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373 Datasheet
834Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3372 DIODES-AH3372 Datasheet
807Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3373 DIODES-AH3373_18 Datasheet
892Kb / 15P
   HIGH VOLTAGE HIGH SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
AH3376 DIODES-AH3376 Datasheet
840Kb / 15P
   HIGH VOLTAGE LOW SENSITIVITY HALL EFFECT UNIPOLAR SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com