Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AH9249Z3-G1 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AH9249Z3-G1
Description  High Sensitivity Micropower Omnipolar Hall-Effect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH9249Z3-G1 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AH9249Z3-G1 Datasheet HTML 4Page - Diodes Incorporated AH9249Z3-G1 Datasheet HTML 5Page - Diodes Incorporated AH9249Z3-G1 Datasheet HTML 6Page - Diodes Incorporated AH9249Z3-G1 Datasheet HTML 7Page - Diodes Incorporated AH9249Z3-G1 Datasheet HTML 8Page - Diodes Incorporated AH9249Z3-G1 Datasheet HTML 9Page - Diodes Incorporated AH9249Z3-G1 Datasheet HTML 10Page - Diodes Incorporated AH9249Z3-G1 Datasheet HTML 11Page - Diodes Incorporated AH9249Z3-G1 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9249
Jul. 2011
Rev. 1. 6
BCD Semiconductor Manufacturing Limited
8
-40
-30
-20
-10
0
10
2030
40
50607080
-50
-40
-30
-20
-10
0
10
20
30
40
50
B
OP1
B
OP2
B
RP1
B
RP2
T
A
(
OC)
2.50
2.75
3.00
3.25
3.50
-50
-40
-30
-20
-10
0
10
20
30
40
50
T
A
=25
oC
V
CC
(V)
B
OP1
B
OP2
B
RP1
B
RP2
2.50
2.75
3.00
3.25
3.50
6
7
8
9
10
11
12
13
14
15
T
A
=25
oC
V
CC
(V)
2.50
2.75
3.00
3.25
3.50
0
50
100
150
200
250
300
T
A
=25
oC
V
CC
(V)
Typical Performance Characteristics
Figure 8. BOP/BRP vs. Supply Voltage
Figure 9. BOP/BRP vs. Ambient Temperature
Figure 10. Average Supply Current vs. Supply Voltage
Figure 11. Awake Mode Time vs. Supply Voltage


Similar Part No. - AH9249Z3-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9249Z3-G1 BCDSEMI-AH9249Z3-G1 Datasheet
405Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9249Z3-G1 BCDSEMI-AH9249Z3-G1 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results

Similar Description - AH9249Z3-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9247 DIODES-AH9247 Datasheet
723Kb / 16P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1893 DIODES-AH1893 Datasheet
326Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com