Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4961GH-G1 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AM4961GH-G1
Description  SINGLE PHASE FULL WAVE PWM MOTOR DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM4961GH-G1 Datasheet(HTML) 5 Page - Diodes Incorporated

  AM4961GH-G1 Datasheet HTML 1Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 2Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 3Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 4Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 5Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 6Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 7Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 8Page - Diodes Incorporated AM4961GH-G1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AM4961A
Document number: DS36626 Rev. 1 - 2
5 of 17
www.diodes.com
October 2013
© Diodes Incorporated
AM4961A
A Product Line of
Diodes Incorporated
Electrical Characteristics (@VCC=12V, TA
Symbol
=25°C, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Units
I
Quiescent Current
Q1
Lock Off
10.2
15
18.76
mA
I
Lock On
Q2
5.38
8
10.55
V
VREF Voltage
REF
IREF
5.8
= 5mA
6
6.2
V
V
Output Saturation Voltage at High Side
SATH
ISOURCE
= 200mA
1.0
1.17
V
V
Output Saturation Voltage at Low Side
SATL
ISINK
= 200mA
0.2
0.3
V
f
COSC Frequency
OSC
COSC
18
= 100pF
25
32
kHz
V
COSC High Level Voltage
OSCH
3.45
3.6
3.75
V
V
COSC Low Level Voltage
OSCL
1.83
1.95
2.07
V
V
Hall Input Hysteresis
HYS
±10
±20
mV
V
Hall Bias Voltage
HB
IHB
1.1
= 5mA
1.25
1.4
V
V
CT High Level Voltage
CTH
3.55
3.7
3.88
V
V
CT Low Level Voltage
CTL
1.55
1.7
1.85
V
I
CT Charge Current
CHG
1.5
2
2.85
µA
I
CT Discharge Current
DHG
0.14
0.2
0.285
µA
R
CT Charge and Discharge Ratio
CD
ICHG/I
8.5
DHG
10
14.5
V
FG Output Low Level Voltage
FGL
IFG
= 5mA
0.3
0.4
V
I
FG Leakage Current
LFG
VFG
= 12V
30
µA
V
RD Output Low Level Voltage
RDL
IRD
= 5mA
0.3
0.4
V
I
RD Leakage Current
LRD
VRD
= 12V
30
µA


Similar Part No. - AM4961GH-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM4961GH-G1 BCDSEMI-AM4961GH-G1 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961GH-G1 DIODES-AM4961GH-G1 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

Similar Description - AM4961GH-G1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV88551 ONSEMI-LV88551 Datasheet
921Kb / 29P
   Motor Driver, Single-Phase, PWM, Full-Wave, BLDC Motor
April, 2018 ??Rev. 3
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
AM4962 BCDSEMI-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com