Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTR2005P5 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTR2005P5
Description  100V INPUT, 5V 40mA REGULATOR TRANSISTOR POWERDI짰5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2005P5 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTR2005P5 Datasheet HTML 1Page - Diodes Incorporated ZXTR2005P5 Datasheet HTML 2Page - Diodes Incorporated ZXTR2005P5 Datasheet HTML 3Page - Diodes Incorporated ZXTR2005P5 Datasheet HTML 4Page - Diodes Incorporated ZXTR2005P5 Datasheet HTML 5Page - Diodes Incorporated ZXTR2005P5 Datasheet HTML 6Page - Diodes Incorporated ZXTR2005P5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
ZXTR2005P5
Document number: DS36332 Rev. 1 – 2
4 of 7
www.diodes.com
February 2014
© Diodes Incorporated
ZXTR2005P5
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Output Voltage (Note 12)
VOUT
4.5
5.0
5.5
V
VIN = 48V, IOUT = 15mA
Line Regulation (Notes 12 & 13)
∆VOUT
195
300
mV
VIN = 10 to 72V, IOUT = 15mA
Temperature Coefficient
∆VOUT/∆T
7.0
mV/°C
TJ = -40°C to +125°C
VIN = 48V, IOUT = 15mA
Load Regulation (Notes 12 & 14)
∆VOUT
-185
-205
-350
-400
mV
IOUT = 0.1 to 30mA, VIN = 48V
IOUT = 0.1 to 100mA, VIN = 48V
Minimum Value of Input Voltage Required
to Maintain Line Regulation
VIN(MIN)
10
V
Quiescent Current
IQ
260
550
500
900
µA
VIN = 48V, IOUT = 10µA
VIN = 100V, IOUT = 10µA
Power Supply Rejection Ratio
∆VIN/∆VOUT
45
dB
COUT = 100nF, IOUT = 15mA,
VOUT = 5V, VIN = 10 to 100V, f = 100Hz
Notes:
12. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.
13. Line regulation
∆VOUT = VOUT(@ VIN = 72V) – VOUT(@ VIN = 15V)
14. Load regulation
∆VOUT = VOUT(@ IOUT = 30mA) – VOUT(@ IOUT = 0.1mA)
∆VOUT = VOUT(@ IOUT = 100mA) – VOUT(@ IOUT = 0.1mA)
Typical Application Circuit
Pin Functions
Pin Name
Pin Function
Notes
VIN
Input Supply
To maintain output regulation the input voltage can vary from 10V to 100V with respect to the GND pin. It is
recommended to connect a 1µF capacitor to GND.
GND
Power Ground
This pin should be tied to the system ground.
VOUT
Voltage Output
Outputs a regulated 5V. It is recommended to connect a 10µF capacitor to GND. Minimum of 10µA must be
drawn from VOUT to maintain regulation. The pin can be pulled high to a maximum of 11V with respect to
ground.


Similar Part No. - ZXTR2005P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2005P5 DIODES-ZXTR2005P5 Datasheet
465Kb / 7P
   100V INPUT, 5V 40mA REGULATOR TRANSISTOR
ZXTR2005P5-13 DIODES-ZXTR2005P5-13 Datasheet
465Kb / 7P
   100V INPUT, 5V 40mA REGULATOR TRANSISTOR
ZXTR2005P5 DIODES-ZXTR2005P5_15 Datasheet
287Kb / 7P
   100V INPUT, 5V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2005P5 DIODES-ZXTR2005P5_17 Datasheet
465Kb / 7P
   100V INPUT, 5V 40mA REGULATOR TRANSISTOR
More results

Similar Description - ZXTR2005P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2005P5 DIODES-ZXTR2005P5_15 Datasheet
287Kb / 7P
   100V INPUT, 5V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2008P5 DIODES-ZXTR2008P5 Datasheet
353Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2012P5 DIODES-ZXTR2012P5 Datasheet
353Kb / 8P
   100V INPUT, 12V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2008P5 DIODES-ZXTR2008P5_15 Datasheet
347Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2005P5 DIODES-ZXTR2005P5_17 Datasheet
465Kb / 7P
   100V INPUT, 5V 40mA REGULATOR TRANSISTOR
ZXTR2008P5 DIODES-ZXTR2008P5_17 Datasheet
472Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR2005Z DIODES-ZXTR2005Z_17 Datasheet
367Kb / 7P
   100V INPUT, 5V 30mA REGULATOR TRANSISTOR
ZXTR2005Z DIODES-ZXTR2005Z_15 Datasheet
343Kb / 7P
   100V INPUT, 5V 30mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K Datasheet
278Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com