Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTR2008K Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTR2008K
Description  100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2008K Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTR2008K Datasheet HTML 1Page - Diodes Incorporated ZXTR2008K Datasheet HTML 2Page - Diodes Incorporated ZXTR2008K Datasheet HTML 3Page - Diodes Incorporated ZXTR2008K Datasheet HTML 4Page - Diodes Incorporated ZXTR2008K Datasheet HTML 5Page - Diodes Incorporated ZXTR2008K Datasheet HTML 6Page - Diodes Incorporated ZXTR2008K Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXTR2008K
Document number: DS36329 Rev. 2 - 2
2 of 7
www.diodes.com
December 2013
© Diodes Incorporated
ZXTR2008K
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltage relative to GND, @TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Input Voltage
VIN
-0.3 to 100
V
Continuous Input & Output Current
IIN, IOUT
550
mA
Peak Pulsed Input & Output Current
IIM, IOM
2
A
Maximum Voltage applied to VOUT
VOUT(max)
14.5
V
Maximum Current at VIN = 48V (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Continuous Output Current
(Note 7)
IOUT
55
mA
Pulsed Output Current
(Note 8)
IOM
900
mA
(Note 9)
190
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
(Note 5)
PD
2.3
W
(Note 6)
1.1
Thermal Resistance, Junction to Ambient
(Note 5)
RθJA
44
°C/W
(Note 6)
90
Thermal Resistance, Junction to Lead
(Note 10)
RθJL
8.4
Thermal Resistance, Junction to Case
(Note 10)
RθJC
14.6
Recommended Operating Junction Temperature Range
TJ
-40 to +125
°C
Maximum Operating Junction and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
ESD Ratings (Note 11)
Characteristics
Symbols
Value
Unit
JEDEC Class
Electrostatic Discharge – Human Body Model
ESD HBM
4000
V
3A
Electrostatic Discharge – Machine Model
ESD MM
400
V
C
Notes:
5. For a device mounted with the exposed VIN pad on 50mm x 50mm 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured under still
air conditions whilst operating in steady-state.
6. Same as note 5, except mounted on 15mm x 15mm 1oz copper.
7. Same as note 5, whilst operating at VIN = 48V. Refer to Safe Operating Area for other Input Voltages.
8. Same as note 5, except measured with a single pulse width = 100µs and VIN = 48V.
9. Same as note 5, except measured with a single pulse width = 10ms and VIN = 48V.
10.
RθJL = Thermal resistance from junction to solder-point (on the exposed VIN pad).
RθJC = Thermal resistance from junction to the top of case.
11. Refer to JEDEC specification JESD22-A114 and JESD22-A115
.


Similar Part No. - ZXTR2008K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2008K DIODES-ZXTR2008K Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K-13 DIODES-ZXTR2008K-13 Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K_15 Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K_17 Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
More results

Similar Description - ZXTR2008K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2008K DIODES-ZXTR2008K_15 Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K_17 Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008P5 DIODES-ZXTR2008P5_17 Datasheet
472Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR
ZXTR2008P5 DIODES-ZXTR2008P5_15 Datasheet
347Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2008P5 DIODES-ZXTR2008P5 Datasheet
353Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2005K DIODES-ZXTR2005K_17 Datasheet
378Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K_15 Datasheet
278Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR2012K DIODES-ZXTR2012K Datasheet
278Kb / 7P
   100V INPUT, 12V 50mA REGULATOR TRANSISTOR
ZXTR2005K DIODES-ZXTR2005K Datasheet
278Kb / 7P
   100V INPUT, 5V 50mA REGULATOR TRANSISTOR
ZXTR1005PD8 DIODES-ZXTR1005PD8 Datasheet
429Kb / 8P
   100V INPUT, 5V 50mA VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com