Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTR2008P5 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTR2008P5
Description  100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR POWERDI짰5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTR2008P5 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTR2008P5 Datasheet HTML 1Page - Diodes Incorporated ZXTR2008P5 Datasheet HTML 2Page - Diodes Incorporated ZXTR2008P5 Datasheet HTML 3Page - Diodes Incorporated ZXTR2008P5 Datasheet HTML 4Page - Diodes Incorporated ZXTR2008P5 Datasheet HTML 5Page - Diodes Incorporated ZXTR2008P5 Datasheet HTML 6Page - Diodes Incorporated ZXTR2008P5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
ZXTR2008P5
Document number: DS36333 Rev. 1 – 2
4 of 7
www.diodes.com
February 2014
© Diodes Incorporated
ZXTR2008P5
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Output Voltage (Note 12)
VOUT
7.38
8.2
9.02
V
VIN = 48V, IOUT = 15mA
Line Regulation (Notes 12 & 13)
∆VOUT
10
300
mV
VIN = 12 to 100V, IOUT = 15mA
Temperature Coefficient
∆VOUT/∆T
10
mV/°C
TJ = -40°C to +125°C
VIN = 48V, IOUT = 15mA
Load Regulation (Notes 12 & 14)
∆VOUT
-180
-250
-400
-500
mV
IOUT = 0.1 to 30mA, VIN = 48V
IOUT = 0.1 to 100mA, VIN = 48V
Minimum Value of Input Voltage Required
to Maintain Line Regulation
VIN(MIN)
12
V
Quiescent Current
IQ
275
650
500
900
µA
VIN = 48V, IOUT = 10µA
VIN = 100V, IOUT = 10µA
Power Supply Rejection Ratio
∆VIN/∆VOUT
38
dB
COUT = 100nF, IOUT = 15mA,
VOUT = 8.2V, VIN=12 to 100V, f=100Hz
Notes:
12. Measured under pulsed conditions. Pulse width ≤ 300μs. Duty cycle ≤ 2%.
13. Line regulation
∆VOUT = VOUT(@ VIN = 72V) – VOUT(@ VIN = 15V)
14. Load regulation
∆VOUT = VOUT(@ IOUT = 30mA) – VOUT(@ IOUT = 0.1mA)
∆VOUT = VOUT(@ IOUT = 100mA) – VOUT(@ IOUT = 0.1mA)
Typical Application Circuit
Pin Functions
Pin Name
Pin Function
Notes
VIN
Input Supply
To maintain output regulation the input voltage can vary from 12V to 100V with respect to the GND pin. It is
recommended to connect a 1µF capacitor to GND.
GND
Power Ground
This pin should be tied to the system ground.
VOUT
Voltage Output
Outputs a regulated 8.2V. It is recommended to connect a 10µF capacitor to GND. Minimum of 10µA must
be drawn from VOUT to maintain regulation. The pin can be pulled high to a maximum of 14.5V with respect
to ground.


Similar Part No. - ZXTR2008P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2008P5 DIODES-ZXTR2008P5 Datasheet
472Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR
ZXTR2008P5-13 DIODES-ZXTR2008P5-13 Datasheet
472Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR
ZXTR2008P5 DIODES-ZXTR2008P5_15 Datasheet
347Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2008P5 DIODES-ZXTR2008P5_17 Datasheet
472Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR
More results

Similar Description - ZXTR2008P5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTR2008P5 DIODES-ZXTR2008P5_15 Datasheet
347Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2008P5 DIODES-ZXTR2008P5_17 Datasheet
472Kb / 7P
   100V INPUT, 8.2V 40mA REGULATOR TRANSISTOR
ZXTR2012P5 DIODES-ZXTR2012P5 Datasheet
353Kb / 8P
   100V INPUT, 12V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2005P5 DIODES-ZXTR2005P5_15 Datasheet
287Kb / 7P
   100V INPUT, 5V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2005P5 DIODES-ZXTR2005P5 Datasheet
293Kb / 7P
   100V INPUT, 5V 40mA REGULATOR TRANSISTOR POWERDI짰5
ZXTR2008K DIODES-ZXTR2008K_15 Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K Datasheet
280Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2008K DIODES-ZXTR2008K_17 Datasheet
384Kb / 7P
   100V INPUT, 8.2V 50mA REGULATOR TRANSISTOR
ZXTR2005P5 DIODES-ZXTR2005P5_17 Datasheet
465Kb / 7P
   100V INPUT, 5V 40mA REGULATOR TRANSISTOR
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com