Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB4805S-3WR2 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # WRB4805S-3WR2
Description  Ultra-Miniature SIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

WRB4805S-3WR2 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  WRB4805S-3WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH WRB4805S-3WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH WRB4805S-3WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH WRB4805S-3WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH WRB4805S-3WR2 Datasheet HTML 5Page - RSG Electronic Components GmbH WRB4805S-3WR2 Datasheet HTML 6Page - RSG Electronic Components GmbH WRB4805S-3WR2 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRA_S-3WR2 & WRB_S-3WR2
2013.07.22-A/3
Page 4 of 7
EMC MODULE APPLICATION CIRCUIT
EUT
GND
C trl
-Vo
+ Vo
-Vin
+Vin
FT-A /BX 1D
Lo ad
-Vo
(0V)
+Vo
Vin
Cd
D1
R
C trl
C
+
-V in
+V in
FU SE
FT-A/BX1D is MORNSUN
’s EFT suppresser
For Nominal Voltage<48V, C
≥330uF/50V
For Nominal Voltage =48V, C
≥330uF/100V
(Figure 3)
EMC MODULE RECOMMENDED CIRCUIT PCB LAYOUT
DUAL
SINGLE
(Figure 4)
EMI TEST WAVEFORM (RECOMMENDED CIRCUIT FIGURE1-②)
WRA2415S-3WR2 CE(Class B, Positive line)
WRA2415S-3WR2 CE(Class B, Negative line)
WRB1205S-3WR2 CE(Class B, Positive line)
WRB1205S-3WR2 CE(Class B, Negative line)
PRODUCT TYPICAL PERFORMANCE CURVE
Tolerance Envelope Graph
120
100
80
60
40
20
0
-40
0
40
85 10 5120
Output Curren t Percent (%)
Ambient Temp. ()
Temperature Derating Graph
Safe Operating Area
(Figure 5)


Similar Part No. - WRB4805S-3WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
WRB4805S-3WR2 RSG-WRB4805S-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
logo
MORNSUN Science& Techno...
WRB4805S-3WR2 MORNSUN-WRB4805S-3WR2 Datasheet
814Kb / 7P
   DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - WRB4805S-3WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRFS-3WR2 RSG-WRFS-3WR2 Datasheet
658Kb / 7P
   Ultra-Miniature SIP Package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
   Ultra Compact SIP package
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303SD-1W MORNSUN-B0303SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0305SD-1W MORNSUN-B0305SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com