Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM4S-A2C30H-AC120V Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # PM4S-A2C30H-AC120V
Description  MULTI-RANGE ANALOG TIMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM4S-A2C30H-AC120V Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button PM4S-A2C30H-AC120V Datasheet HTML 2Page - Panasonic Semiconductor PM4S-A2C30H-AC120V Datasheet HTML 3Page - Panasonic Semiconductor PM4S-A2C30H-AC120V Datasheet HTML 4Page - Panasonic Semiconductor PM4S-A2C30H-AC120V Datasheet HTML 5Page - Panasonic Semiconductor PM4S-A2C30H-AC120V Datasheet HTML 6Page - Panasonic Semiconductor PM4S-A2C30H-AC120V Datasheet HTML 7Page - Panasonic Semiconductor PM4S-A2C30H-AC120V Datasheet HTML 8Page - Panasonic Semiconductor PM4S-A2C30H-AC120V Datasheet HTML 9Page - Panasonic Semiconductor PM4S-A2C30H-AC120V Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Specifications
PM4H-A
Type
Item
PM4H-S
100 to 240V AC, 48 to 125V DC, 12V DC, 24V AC/DC
Rated operating voltage
50/60Hz common (AC operating type)
5A 250V AC (resistive load)
Power ON-delay
Pulse ON-delay
Pulse Flicker
Pulse ON-Flicker
Differential ON/OFF-delay (1) (2)
Signal OFF-delay
Pulse One-shot
Pulse One-cycle
Power ON-delay
Power Flicker
Power ON-flicker
Power One-shot
Power One-cycle
(with instantaneous contact)
Rated frequency
Rated control capacity
1s to 500h (Max.) 16 time ranges switchable
±0.3% (power off time change at the range of 0.1s to 1h)
±5% (Full-scale value)
±0.5% (at the operating voltage changes between 85 to 110%)
Max. 100m
Ω (at 1A 6V DC)
±2% (at 20°C ambient temp. at the range of –10 to +50°C +14 to +122°F)
Timed-out 1 Form C
Instantaneous 1 Form C
Time range
Operating time fluctuation
2
×107
10
5 (at rated control capacity)
Mechanical (contact)
Electrical (contact)
85 to 110% of rated operating voltage (at 20
°C coil temp.)
Allowable operating voltage range
–10 to +50
°C +14 to +122°F
Ambient temperature
30 to 85%RH (at 20
°C 68°F, non-condensing)
Ambient humidity
860 to 1,060hPa
Atmospheric pressure
20%
Ripple factor (DC type)
IP65 on front panel (using rubber gasket ATC18002) <only for IP65 type>
Protective construction
100g 3.527 oz (Pin type)
110g 3.880 oz (Screw terminal type)
Weight
10 to 55Hz: 1 cycle/min double amplitude of 0.25mm (10min on 3 axes)
Vibration resistance
10 to 55Hz: 1 cycle/min double amplitude of 0.375mm (1h on 3 axes)
Min. 98m/s
2 (4 times on 3 axes)
Shock resistance
Min. 980m/s
2 (5 times on 3 axes)
Functional
Destructive
Functional
Destructive
Between live and dead metal parts
Between input and output
Between contacts of different poles
Between contacts of same pole
Insulation resistance (Initial value)
2,000Vrms for 1 min Between live and dead metal parts
2,000Vrms for 1 min Between input and output
2,000Vrms for 1 min Between contacts of different poles
1,000Vrms for 1 min Between contacts of same pole
Breakdown voltage (Initial value)
Setting error
Voltage error
Contact resistance (Initial value)
100ms
Min. power off time
55
°C 131°F
65
°C 149°F
Max. temperature rise
Silver alloy
Au flash on Silver alloy
Contact material
Temperature error
Timed-out 2 Form C
Contact arrangement
Operating mode
Approx. 10VA (100 to 240V AC)
Approx. 2.5VA (24V AC)
Approx. 1.5W (12V DC, 24V DC, 48 to 125V DC)
Rated power consumption
Rating
Time
accuracy
Note:)
Contact
Life
Electrical
function
Mechanical
function
Operating
condition
Others
PM4H-M
Min. 100M
(At 500V DC)
Note: 1) Unless otherwise specified, the measurement conditions at the maximum scale time standard are specified to be the rated operating voltage (within 5% ripple
factor for DC), 20°C 68°F ambient temperature, and 1s power off time.
2) For the 1s range, the tolerance for each specification becomes ±10ms.
PM4H-A/S/M
PM4H-A/PM4H-S/PM4H-M
All types of PM4H timer have multi-time
range.
16 time ranges are selectable.
1s to 500h (Max. range) is controlled.
Time range
1
Scale
Time unit
0.1s to 1s
sec
min
hrs
10h
0.1 min to 1 min
0.1h to 1h
1.0h to 10h
5
0.5s to 5s
Control
time range
0.5 min to 5 min
0.5h to 5h
5h to 50h
10
1.0s to 10s
1.0 min to 10 min
1.0h to 10h
10h to 100h
50
5s to 50s
5 min to 50 min
5h to 50h
50h to 500h
Note: 0 setting is for instantaneous output operation.
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - PM4S-A2C30H-AC120V

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM4S-A2C30H-AC120V

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
   Multi-Range ON DELAY TIMER/FLICKER
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com