Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRA4812P-3WR2 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # WRA4812P-3WR2
Description  WRBP-3WR2
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

WRA4812P-3WR2 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  WRA4812P-3WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH WRA4812P-3WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH WRA4812P-3WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH WRA4812P-3WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH WRA4812P-3WR2 Datasheet HTML 5Page - RSG Electronic Components GmbH WRA4812P-3WR2 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRA_P-3WR2 & WRB_P-3WR2
2013.07.25-A/3
Page 2 of 6
WRB4803P-3WR2
3.3
909
46
82
4700
76
WRB4805P-3WR2
5
600
30
77
4700
82
WRB4812P-3WR2
12
250
12
73
2700
86
WRB4815P-3WR2
48
(36-75)
80
15
200
10
73
5
30
2200
86
Note:①. Absolute maximum rating without damage on the converter, but it isn't recommended;
②. For dual output converter, the given value is the same for each output.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
5V input
-0.7
--
12
12V input
-0.7
--
25
24V input
-0.7
--
50
Input Surge Voltage (1sec. max.)
48V input
-0.7
--
100
5V input
3.5
4
4.5
12V input
4.5
8
9
24V input
11
16
18
Start-up Voltage
48V input
24
33
36
VDC
Input Filter
Pi Filter
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
5% to 100% load
--
±1
±3
No load output Voltage Accuracy
Input voltage range
--
±1.5
±5
Output Voltage Balance
Dual output, balanced loads
--
±0.5
±1
Line Regulation
Full load, Input voltage from low to high
--
±0.2
±0.5
Load Regulation
5% to 100% load
--
±0.2
±0.5
%
Transient Recovery Time
--
0.5
2
ms
Transient Response Deviation
25% load step change
--
±2
±5
%
Temperature coefficient
100% load
--
±0.02
±0.03
%/
°C
Ripple*
--
15
30
Noise*
20MHz Bandwidth
--
45
75
mVp-p
Output Short Circuit Protection
Input voltage range
Continuous, automatic recovery
Note:* Ripple and noise tested with
“parallel cable” method. See detailed operation instructions at DC-DC Application Notes.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Tested for 1 minute, leakage current less than 1 mA
1500
--
--
VDC
Isolation Resistance
Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input/Output,100KHz/0.1V
--
120
--
pF
Switching Frequency(PFM mode) 100% load, nominal Input voltage
--
200
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Case Material
Plastic(UL94-V0)
Weight
--
14
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (above85℃,see Figure 5)
-40
--
85
Storage Temperature
-55
--
125
Temp. rise at full load
Ta=25
°C
--
25
--
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
°C
Cooling
Free air convection


Similar Part No. - WRA4812P-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRA4812P-3WR2 MORNSUN-WRA4812P-3WR2 Datasheet
251Kb / 6P
   DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com