Electronic Components Datasheet Search |
|
PM4S-A2C30M-AC120V Datasheet(PDF) 5 Page - Panasonic Semiconductor |
|
PM4S-A2C30M-AC120V Datasheet(HTML) 5 Page - Panasonic Semiconductor |
5 / 24 page Features 1. 100-240V AC free-voltage input, 48-125V DC type available 2. Short body — 62.5mm 2.461 inch (screw terminal type) 3. Front panel of IP65 type is protected against water-splash and dust 4. Built-in Screw terminals Screw terminal type is used for easy wiring and reducing additional cost for accessories. 5. 0 setting instantaneous output operation 6. Multiple time ranges — 1 s to 500 h (Max.) 7. 8 different operation modes: (PM4H-A) 8. Compliant with UL/CSA, CE and LLOYD 48 1.890 48 1.890 62.5 2.461 mm inch Pin type Screw terminal type Product types Type PM4H-S PM4H-M PM4H-A Operation mode Contact arrangement Time range Rated operating voltage Protective construction Terminal type Part number PM4HA-H-AC240VW PM4HA-H-AC240VSW PM4HA-H-DC125VW PM4HA-H-DC125VSW PM4HA-H-24VW PM4HA-H-24VSW PM4HA-H-DC12VW PM4HA-H-DC12VSW PM4HA-H-AC240V PM4HA-H-AC240VS PM4HA-H-DC125V PM4HA-H-DC125VS PM4HA-H-24V PM4HA-H-24VS PM4HA-H-DC12V PM4HA-H-DC12VS PM4HS-H-AC240VW PM4HS-H-AC240VSW PM4HS-H-DC125VW PM4HS-H-DC125VSW PM4HS-H-24VW PM4HS-H-24VSW PM4HS-H-DC12VW PM4HS-H-DC12VSW PM4HS-H-AC240V PM4HS-H-AC240VS PM4HS-H-DC125V PM4HS-H-DC125VS PM4HS-H-24V PM4HS-H-24VS PM4HS-H-DC12V PM4HS-H-DC12VS PM4HM-H-AC240VW PM4HM-H-AC240VSW PM4HM-H-DC125VW PM4HM-H-DC125VSW PM4HM-H-24VW PM4HM-H-24VSW PM4HM-H-DC12VW PM4HM-H-DC12VSW PM4HM-H-AC240V PM4HM-H-AC240VS PM4HM-H-DC125V PM4HM-H-DC125VS PM4HM-H-24V PM4HM-H-24VS PM4HM-H-DC12V PM4HM-H-DC12VS 16 selectable ranges 1s to 500h Relay Timed-out 1 Form C Instantaneous 1 Form C Relay Timed-out 2 Form C Relay Timed-out 2 Form C 8 operation modes • Pulse ON-delay • Pulse Flicker • Pulse ON-flicker • Differential ON/OFF-delay (1) (2) • Signal OFF-delay • Pulse One-shot • Pulse One-cycle Power ON-delay 5 operation modes (With instantaneous contact) • Power ON-delay • Power Flicker • Power ON-flicker • Power One-shot • Power One-cycle 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 11 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 8 pins Screw terminal 100 to 240V AC 48 to 125V DC 24V AC/DC 12V DC 100 to 240V AC 48 to 125V DC 24V AC/DC 12V DC 100 to 240V AC 48 to 125V DC 24V AC/DC 12V DC 100 to 240V AC 48 to 125V DC 24V AC/DC 12V DC 100 to 240V AC 48 to 125V DC 24V AC/DC 12V DC 100 to 240V AC 48 to 125V DC 24V AC/DC 12V DC IP65 IP50 IP65 IP50 IP65 IP50 If you use this timer under harsh environment, please order above sealed type (IP65 type). IP65 type — Protection dust and water jet splay on the front face. UL File No.: E122222 CSA File No.: LR39291 PM4H-A/S/M DIN48 SIZE MULTI-RANGE ANALOG TIMER PM4H-A PM4H-S PM4H-M RoHS Directive compatibility information http://www.nais-e.com/ All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd. |
Similar Part No. - PM4S-A2C30M-AC120V |
|
Similar Description - PM4S-A2C30M-AC120V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |