Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPL563 Datasheet(PDF) 6 Page - OPTEK Technologies

Part # OPL563
Description  Choice of four output options in low-cost side-looking package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPL563 Datasheet(HTML) 6 Page - OPTEK Technologies

  OPL563 Datasheet HTML 1Page - OPTEK Technologies OPL563 Datasheet HTML 2Page - OPTEK Technologies OPL563 Datasheet HTML 3Page - OPTEK Technologies OPL563 Datasheet HTML 4Page - OPTEK Technologies OPL563 Datasheet HTML 5Page - OPTEK Technologies OPL563 Datasheet HTML 6Page - OPTEK Technologies OPL563 Datasheet HTML 7Page - OPTEK Technologies OPL563 Datasheet HTML 8Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
09/08
Page 6 of 8
Photologic Sensor
OPL530, OPL531, OPL535, OPL536, OPL550, OPL551,
OPL560, OPL561, OPL562, OPL563
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 sec. max. when flow soldering. For OPL530, OPL530-OC,
OPL531, OPL531-OC, OPL535, OPL535-OC, OPL536 and OPL536-OC, a maximum of 20 grams force may be applied to leads
while at soldering temperatures.
(2) Derate linearly 2.67 mW/°C above 70° C for OPL530, OPL530-OC, OPL531, OPL531-OC, OPL535, OPL535-OC, OPL536 and
OPL536-OC. Derate linearly 2.5 mW/° C above 25° C for all devices in the OPL550, OPL551, OPL560, OPL561, OPL562 and
OPL563 series.
(3) Irradiance measurements are made with λi = 935 nm.
(4) This applies to OC versions only. For ICC on pull-up versions, add VCC/10 KΩ.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX
UNITS
TEST CONDITIONS
VOH
Operating Supply Voltage
OPL550
OPL551
OPL560
OPL561
2.4
2.4
VCC -2.1
VCC -2.1
3.3
3.3
-
-
-
-
-
-
V
V
V
V
VCC = 4.5 V, IOH = -800 µa,
EE = 3 mW/cm
2
VCC = 4.5 V, IOH = -800 µa,
EE = 0
IOH = -1 µA, EE = 1 mW/cm
2
IOH = -1 µA, EE = 0
VOL
Low Level Output Voltage
OPL530, OPL530-OC, OPL535, OPL535-OC
OPL531, OPL531-OC, OPL536, OPL536-OC
OPL550
OPL551
OPL560, OPL560-OC
OPL561, OPL561-OC
-
-
-
-
-
-
0.2
0.2
0.25
0.25
-
-
0.4
0.4
0.4
0.4
.4
.4
V
V
V
V
V
V
IOL = 16 mA, EE = 0
IOL = 16 mA, EE = 1 mW/cm
2
VCC = 4.5 V, IOL = 12.8 mA,
EE = 0
VCC = 4.5 V, IOL = 12.8 mA,
EE = 3 mW/cm
2
IOL = 16 mA, EE = 0
IOL = 16 mA, EE = 1 mW/cm
2
IOS
Short Circuit Output Current
OPL550
OPL551
-20
-20
-55
-55
-100
-100
mA
mA
VCC = 5.5 V, Output = GND,
EE = 3 mW/cm
2
VCC = 5.5 V, Output = GND,
EE = 0
IOH
High Level Output Current(4)
OPL531, OPL531-OC, OPL536, OPL536-OC
OPL535, OPL535-OC, OPL530, OPL530-OC
OPL550-OC
OPL551-OC
OPL560-OC
OPL561-OC
-
-
-
-
-
-
0.1
0.1
1
1
-
-
10
10
100
100
100
100
µA
µA
µA
µA
µA
µA
VOH = 30 V, EE = 0
VOH = 30 V, EE = 1 mW/cm
2
VCC = 4.5 V, VOH = 30 V,
EE = 3 mW/cm
2
VCC = 4.5 V, VOH = 30 V,
EE = 0
VOH = 30 V, EE = 1 mW/cm
2
VOH = 30 V, EE = 0


Similar Part No. - OPL563

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPL563 OPTEK-OPL563 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
logo
TT Electronics.
OPL563 TTELEC-OPL563 Datasheet
813Kb / 10P
   Photologic Sensor
logo
OPTEK Technologies
OPL563-OC OPTEK-OPL563-OC Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
logo
TT Electronics.
OPL563-OC TTELEC-OPL563-OC Datasheet
813Kb / 10P
   Photologic Sensor
OPL563-OCA TTELEC-OPL563-OCA Datasheet
813Kb / 10P
   Photologic Sensor
More results

Similar Description - OPL563

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SDP8406-3 HONEYWELL-ACC-SDP8406-3 Datasheet
346Kb / 4P
   Side-looking plastic package
logo
A-Data Technology
UV110 A-DATA-UV110 Datasheet
972Kb / 1P
   Choice of four popular colors
logo
Honeywell Accelerometer...
HLC1395-001 HONEYWELL-ACC-HLC1395-001 Datasheet
417Kb / 4P
   Side-looking plastic package
HLC2705-001 HONEYWELL-ACC-HLC2705-001 Datasheet
318Kb / 4P
   Side-looking plastic package
logo
PHOENIX CONTACT
2907596 PHOENIX-2907596 Datasheet
72Kb / 4P
   Choice of four cover sizes in transparent or color versions
2943288 PHOENIX-2943288 Datasheet
70Kb / 4P
   Choice of four cover sizes in transparent or color versions
logo
Honeywell Solid State E...
SDP8314-301 HONEYWELL-SDP8314-301 Datasheet
45Kb / 4P
   SDP Series Optoschmitt Detector, Side-looking Plastic Package
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
Everlight Electronics C...
PT928-6C-F EVERLIGHT-PT928-6C-F Datasheet
147Kb / 7P
   1.5mm Side Looking Phototransistor
logo
OPTEK Technologies
OPB960L51 OPTEK-OPB960L51 Datasheet
186Kb / 6P
   Choice of logic and output driver circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com