Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OTBVP6QD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OTBVP6QD
Description  Momentary Action Optical Touch Buttons
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OTBVP6QD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OTBVP6QD Datasheet HTML 1Page - List of Unclassifed Manufacturers OTBVP6QD Datasheet HTML 2Page - List of Unclassifed Manufacturers OTBVP6QD Datasheet HTML 3Page - List of Unclassifed Manufacturers OTBVP6QD Datasheet HTML 4Page - List of Unclassifed Manufacturers OTBVP6QD Datasheet HTML 5Page - List of Unclassifed Manufacturers OTBVP6QD Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
OTBVP6(L) and OTBVP6(L)QD
complementary
sourcing outputs
OTBVN6(L) and OTBVN6(L)QD
complementary
sinking outputs
Models
OTBA5(L)
120V ac, SPDT electromechanical relay
output, 6-foot attached cable
OTBA5(L)QD
120V ac, SPDT electromechanical relay
output, QD base (use MBCC-512 cable)
OTBB5(L)
220/240V ac, SPDT electromechanical relay
output, 6-foot attached cable
OTBB5(L)QD
220/240V ac, SPDT electromechanical relay
output, QD base (use MBCC-512 cable)
OTBVR81(L)
20-30V ac or dc*, SPDT electromechanical
relay output, 6-foot attached cable)
OTBVR81(L)QD
20-30V ac or dc*, SPDT electromechanical
relay output, QD base (use MBCC-512 cable)
OTB Series Momentary Action OPTO-TOUCH
QD models
require model
MBCC-512
cable
(p/n 25496,
purchase
separately).
Model
OTBVN6(L)QD
requires
MBCC-412
cable
(p/n 25226,
purchase
separately).
Model
OTBVP6(L)QD
requires
MBCC-412
cable
(p/n 25226,
purchase
separately).
Quick Disconnect (QD) Option (order model MBCC-412 or MBCC-512 mini-type cable)
SJT-type cable, 12 foot lengths
Cable connector end view, MBCC-412
Cable connector end view, MBCC-512
Cable connector, side view
cable (p/n 25226), for dc-only models
cable (p/n 25496), for ac and ac/dc models
(MBCC-412 and MBCC-512 cable)
Hookup Information and Model Listing
AC and AC/DC models (see page 5 for ordering information)
Add "L" to specify Lexan® upper housing (others are polysulfone);
"QD" in model suffix indicates Quick Disconnect base.
(+)
(-)
*20-30V dc power may be applied without regard to polarity
The model SMB30S swivel-mount bracket (p/n 33204) is a versatile means for
mounting a Banner OPTO-TOUCH Optical Touch Button. The SMB30S lets you ergonomically
position the OPTO-TOUCH on most machinery for maximum operator comfort and convenience.
The SMB30S mounts by its base. Its swivel ball locks snugly in place when its two clamping bolts
are tightened. Bracket material is black VALOX®. Hardware is stainless steel, and mounting bolts
are included.
The photo shows a model SMB30S bracket with an OPTO-TOUCH attached.
Hookup Information and Model Listing
10-30V DC models (see page 5 for ordering information)
Add "L" to specify Lexan® upper housing (others are polysulfone);
"QD" in model suffix indicates Quick Disconnect base.
(+)
(-)
OTBA5 models: 105 to 130Vac
OTBB5 models: 210 to 250V ac
OTBVR81 models: 20 to 30V ac or dc*


Similar Part No. - OTBVP6QD

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
OTBVP6QD BANNER-OTBVP6QD Datasheet
388Kb / 6P
   Momentary Action Optical Touch Buttons
Rev. H
More results

Similar Description - OTBVP6QD

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
OTB BANNER-OTB Datasheet
388Kb / 6P
   Momentary Action Optical Touch Buttons
Rev. H
STBVR81Q6 BANNER-STBVR81Q6 Datasheet
1Mb / 12P
   STB Self-Checking Optical Touch Buttons
logo
C&K Components
PHB CK-COMPONENTS-PHB Datasheet
260Kb / 3P
   Momentary or latching action
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
   Momentary action switch double pole
05.01.2022
logo
C&K Components
PN11SBNA03QE CK-COMPONENTS-PN11SBNA03QE Datasheet
314Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN11 CK-COMPONENTS-PN11 Datasheet
306Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
PN CK-COMPONENTS-PN Datasheet
560Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
2022
logo
ITT Industries
PN11SBNA03QE ITT-PN11SBNA03QE Datasheet
430Kb / 3P
   Alternate & Momentary Action Pushbutton Switches
logo
Allen-Bradley
800Z-GF3065 ALLEN-BRADLEY-800Z-GF3065 Datasheet
148Kb / 4P
   Zero-Force Touch Buttons
800Z-HL1 ALLEN-BRADLEY-800Z-HL1 Datasheet
105Kb / 5P
   Zero-Force Touch Buttons
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com