Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRE2405S-3WR2 Datasheet(PDF) 6 Page - RSG Electronic Components GmbH

Part # WRE2405S-3WR2
Description  Ultra-Miniature SIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

WRE2405S-3WR2 Datasheet(HTML) 6 Page - RSG Electronic Components GmbH

  WRE2405S-3WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH WRE2405S-3WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH WRE2405S-3WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH WRE2405S-3WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH WRE2405S-3WR2 Datasheet HTML 5Page - RSG Electronic Components GmbH WRE2405S-3WR2 Datasheet HTML 6Page - RSG Electronic Components GmbH WRE2405S-3WR2 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRE_S-3WR2 & WRF_S-3WR2
2013.07.26-A/3
Page 6 of 7
OUTLINE DIMENSIONS,RECOMMENDED FOOTPRINT & PACKAGING
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate the source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Requirement on output load
To ensure this module can operate efficiently and reliably, during operation, the minimum output load could not be less than 5% of the full load,
otherwise output ripple maybe increase dramatically. If the actual output power is very small, please connect a resistor with proper resistance at the
output end in parallel to increase the load, suppose to use the resistance of 5% rated power, or use our company
’s products with a lower rated output
power.
2) Recommended circuit
All the WRE_S-3WR2 & WRF_S-3WR2 series have been tested according to the following recommended test circuit before leaving the factory
(see Figure 6).
If you want to further decrease the input/output ripple, you can increase a capacitance-values properly or choose capacitors with low ESR.
However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel
of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor must be less than the Max. Capacitive
Load.
General: Cin1:
5V&12V
100
μF
24V&48V
10
μF
Cin2:
5V&12V
47
μF
24V&48V
1
μF
Lin:
4.7
μH~12μH
Cs:
10
μF~22μF
Cout:
100
μF(Typ.)
Lout:
2.2
μH~10μH
Cd:
47nF/100V
Single output
Dual output
+Vo
0V
C out
6
7
8
Cs
Ci n1
V in
G ND
2
1
3
Vc
R
L in
Ic
D1
Cd
Ci n2
+Vo
0V
Cout
6
8
7
Cout
Lout
Lo ut
-Vo
Cin1
Vin
G ND
2
1
L in
3
Vc
R
Ic
D1
Cd
C in2
(Figure 6)


Similar Part No. - WRE2405S-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRE2405S-3WR2 MORNSUN-WRE2405S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results

Similar Description - WRE2405S-3WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRBS-3WR2 RSG-WRBS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
   Ultra Compact SIP package
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303SD-1W MORNSUN-B0303SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0305SD-1W MORNSUN-B0305SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com