Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRB2403P-3WR2 Datasheet(PDF) 3 Page - RSG Electronic Components GmbH

Part # WRB2403P-3WR2
Description  WRBP-3WR2
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

WRB2403P-3WR2 Datasheet(HTML) 3 Page - RSG Electronic Components GmbH

  WRB2403P-3WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH WRB2403P-3WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH WRB2403P-3WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH WRB2403P-3WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH WRB2403P-3WR2 Datasheet HTML 5Page - RSG Electronic Components GmbH WRB2403P-3WR2 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRA_P-3WR2 & WRB_P-3WR2
2013.07.25-A/3
Page 3 of 6
EMC SPECIFICATIONS
CE
CISPR22/EN55022 CLASS A(Without External Circuit)/
CLASS B(Recommended Circuit Refer to Figure1-
or Figure 3
EMI
RE
CISPR22/EN55022 CLASS A(Without External Circuit)/
CLASS B(Recommended Circuit Refer to Figure1-
or Figure 3
)
ESD
IEC/EN61000-4-2
Contact
±4KV/ Air ±8KV
perf. Criteria B
RS
IEC/EN61000-4-3
10V/m
perf. Criteria A
IEC/EN61000-4-4
±2KV
(Recommended Circuit Refer to Figure1-①)
perf. Criteria B
EFT
IEC/EN61000-4-4
±4KV
(Recommended Circuit Refer to Figure 3)
perf. Criteria B
Surge
IEC/EN61000-4-5
±2KV
(Recommended Circuit Refer to Figure1-① or Figure 3) perf. Criteria B
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
EMS
Voltage dips, short
and interruptions
immunity
IEC/EN61000-4-29
0%-70%
perf. Criteria B
EMC RECOMMENDED CIRCUIT
V in
G ND
+ Vo
- Vo
( 0 V)
E UT
L O AD
C2
L D M2
C0
TVS
L D M1
MOV
FU SE
C1
C3
V in
G ND
+
(Figure1)
Recommended external circuit param eters:
Model
Vin:5V
Vin:12V
Vin:24V
Vin:48V
FUSE
Choose according to practical input current
MOV
--
--
S14K35
S14K60
LDM1
--
--
56
μH
TVS
SMCJ13A
SMCJ28A
SMCJ48A
SMCJ90A
C0
680
μF/16V
680
μF/25V
330
μF/50V
330
μF/100V
C1
4.7
μF /50V
4.7
μF /100V
LDM2
12
μH
C2
4.7
μF /50V
4.7
μF /100V
C3
1nF/2KV
Note: 1.In Figure 1, part① is EMS Recommended external circuit, part② is EMI recommended external circuit. Choose according to requirements;
2. If there is no recommended parameters, the model no require the external component.
EMC RECOMMENDED CIRCUIT PCB LAYOUT
DUAL
SINGLE
(Figure 2)
Note: The space between input and output GND (C3) must
≥2mm.


Similar Part No. - WRB2403P-3WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
WRB2403P-3WR2 MORNSUN-WRB2403P-3WR2 Datasheet
251Kb / 6P
   DC/DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com