Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR7-4805D06AX Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR7-4805D06AX
Description  6 Watt 4:1 regulated single & dual output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR7-4805D06AX Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR7-4805D06AX Datasheet HTML 1Page - RSG Electronic Components GmbH RR7-4805D06AX Datasheet HTML 2Page - RSG Electronic Components GmbH RR7-4805D06AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RR7-S06/D06
6 Watt 4:1 regulated
single & dual output
DERATING CURVE
Page: 2/3
Last update: 18.02.10
NUMBER STRUCTURE
Isolation
1=1.5 kVDC
3=3.5 kVDC
Power
06=6W
Output
03=3.3V
05=5V
07=7.2V
09=9V
12=12V
15=15V
18=18V
24=24V
Code
internal
RR7 -
XX
XX
S
06
A
1 (P)*
Type
S=Single
D=Dual
Input
24=9~36V
48=18~72V
* Standard version in Metal case. Add suffix „P“ for Plastic case!
Name/Package
RR7=DIL24
Model Number
Input
Input current (mA)
Output
Output current
Efficiency
Capacitor
Range VDC
No Load / Full Load
VDC
Full Load (mA)
@FL (%)
Load (HF)
RR7-2403S06AX
9-36
12 / 253.3
3.3
1400
76
1000
RR7-2405S06AX
9-36
10 / 312.5
5
1200
80
1000
RR7-2407S06AX
9-36
18 / 312.5
7.2
833
80
470
RR7-2409S06AX
9-36
12 / 301.2
9
666
83
220
RR7-2412S06AX
9-36
15 / 301.2
12
500
83
1000
RR7-2415S06AX
9-36
18 / 301.2
15
400
83
470
RR7-2418S06AX
9-36
15 / 301.2
18
333
83
47
RR7-2424S06AX
9-36
18 / 304.9
24
250
82
47
RR7-2403D06AX
9-36
12 / 337.8
±3.3
±909
74
±470
RR7-2405D06AX
9-36
10 / 312.5
±5
±600
80
±680
RR7-2407D06AX
9-36
18 / 312.5
±7.2
±416
80
±220
RR7-2409D06AX
9-36
18 / 308.64
±9
±333
81
±100
RR7-2412D06AX
9-36
20 / 301.2
±12
±250
83
±330
RR7-2415D06AX
9-36
22 / 304.9
±15
±200
82
±100
RR7-2418D06AX
9-36
18 / 304.9
±18
±166
82
±10
RR7-2424D06AX
9-36
18 / 312.5
±24
±125
80
±22
RR7-4803S06AX
18-72
15 / 126.4
3.3
1400
76
1000
RR7-4805S06AX
18-72
8 / 156.25
5
1200
80
1000
RR7-4807S06AX
18-72
15 / 156.25
7.2
833
80
470
RR7-4809S06AX
18-72
10 / 152.43
9
666
82
220
RR7-4812S06AX
18-72
10 / 150.6
12
500
83
1000
RR7-4815S06AX
18-72
10 / 148.8
15
400
84
100
RR7-4818S06AX
18-72
10 / 150.6
18
333
83
10
RR7-4824S06AX
18-72
12 / 150.6
24
250
83
22
RR7-4803D06AX
18-72
10 / 162.3
±3.3
±909
77
±330
RR7-4805D06AX
18-72
10 / 158.22
±5
±600
79
±470
RR7-4805D06AX
18-72
15 / 156.25
±7.2
±416
80
±220
RR7-4809D06AX
18-72
15 / 154.32
±9
±333
81
±100
RR7-4812D06AX
18-72
10 / 152.4
±12
±250
82
±100
RR7-4815D06AX
18-72
15 / 148.8
±15
±200
84
±47
RR7-4818D06AX
18-72
15 / 156.25
±18
±166
80
±22
RR7-4824D06AX
18-72
15 / 154.3
±24
±125
81
±22
MODEL SELECTION GUIDE


Similar Part No. - RR7-4805D06AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR7-4805D06A1 RSG-RR7-4805D06A1 Datasheet
750Kb / 4P
   DC/DC-Converter
RR7-4805D06A3 RSG-RR7-4805D06A3 Datasheet
750Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR7-4805D06AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
   3.0 Watt 4:1 regulated single & dual output
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
   4 Watt regulated single & dual output
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com