Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM4S-A2C10M-AC120V Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # PM4S-A2C10M-AC120V
Description  MULTI-RANGE ANALOG TIMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM4S-A2C10M-AC120V Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button PM4S-A2C10M-AC120V Datasheet HTML 7Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 8Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 9Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 10Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 11Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 12Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 13Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 14Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1. Operation method
1) Operation mode setting
[PM4H-A type]
8 operation modes are selectable with
operation mode selector.
Turn the operation mode selector with
screw driver.
Operation mode is shown up through the
window above the mode selector. The
marks are
,
,
,
,
,
,
,
.
Turn the mode selector to the mark until
you can check by clicking sound.
Confirm the mode selector position if it is
correct.
If the position is not stable, the timer
might mis-operate.
2) Time range setting
[PM4H series common]
16 time ranges are selectable between
1s to 500h.
Turn the time range selector with the
screw driver.
Clockwise turning increases the time
range, and Counter-clockwise turning
decrease the time range.
Confirm the range selector position if it is
correct.
If the position is not stable, the timer
might mis-operate.
3) Time setting [common]
To set the time, turn the set dial to a
desired time within the range.
Instantaneous output will be on when the
dial is set to “0”.
When the instantaneous output is used,
the dial should be set under “0” range.
(Instantaneous output area)
When power supply is on, the time
range, setting time and operation mode
cannot be changed.
Turn off the power supply or a reset sig-
nal is applied to set the new operation
mode.
If the position is not stable, the timer
might mis-operate.
ON
FL
FO
OF1
SF
OS
OF2
OC
2. How to use “Set ring” [PM4H series common]
1) Fixed time setting
Set the desired time and put 2 set rings
together.
Insert the rings into stopper to fix the
time.
2) Time range setting
Example: Time range 20s to 30s.
Shorter time value setting
Set the dial to 20s.
Place the stop ring at the right side of
stopper.
Longer time value setting
Set the dial to 30s.
Place the stop ring at the left side of
stopper.
Set range
Applicable standard (PM4H series common)
Set dial
Set ring (2 pcs)
ATC18001 (sold separately)
Stopper boss
Stopper
Stop ring
Stopper boss
00
30
Longer time value
SEC
20
Shorter time value
SEC
PM4H SERIES MODES AND TIME SETTING
Note) The stoppers for the lower limit setting set ring and the upper limit setting set ring face the opposite directions.
Safety standard
EN61812-1
Pollution Degree 2/Overvoltage Category III
EMC
(EMI)EN61000-6-4
Radiation interference electric field strength
Noise terminal voltage
(EMS)EN61000-6-2
Static discharge immunity
RF electromagnetic field immunity
EFT/B immunity
Surge immunity
Conductivity noise immunity
Power frequency magnetic field immunity
Voltage dip/Instantaneous stop/Voltage fluctuation immunity
EN55011 Group1 ClassA
EN55011 Group1 ClassA
EN61000-4-2
4 kV contact
8 kV air
EN61000-4-3
10 V/m AM modulation (80 MHz to 1 GHz)
10 V/m pulse modulation (895 MHz to 905 MHz)
EN61000-4-4
2 kV (power supply line)
1 kV (signal line)
EN61000-4-5
1 kV (power line)
EN61000-4-6
10 V/m AM modulation (0.15 MHz to 80 MHz)
EN61000-4-8
30 A/m (50 Hz)
EN61000-4-11 10 ms, 30% (rated voltage)
100 ms, 60% (rated voltage)
1,000 ms, 60% (rated voltage)
5,000 ms, 95% (rated voltage)
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - PM4S-A2C10M-AC120V

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM4S-A2C10M-AC120V

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
   Multi-Range ON DELAY TIMER/FLICKER
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com