Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM4S-A2C10M-AC120V Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # PM4S-A2C10M-AC120V
Description  MULTI-RANGE ANALOG TIMER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PM4S-A2C10M-AC120V Datasheet(HTML) 4 Page - Panasonic Semiconductor

  PM4S-A2C10M-AC120V Datasheet HTML 1Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 2Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 3Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 4Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 5Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 6Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 7Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 8Page - Panasonic Semiconductor PM4S-A2C10M-AC120V Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PM4S
Precautions during usage
Acquisition of CE marking
1. Avoid locations subject to
flammable or corrosive gases,
excessive dust, oil, vibrations, or
excessive shocks.
2. Since the main-unit is made of
polycarbonate resin, avoid contact
with or use in environments
containing methyl alcohol, benzene,
thinners, and other organic solvents;
and ammonia, caustic sodas, and
other alkaline substances.
3. Power supply superimposed surge
protector
Although a surge protector will withstand
standard-waveform voltage with the
values in the next table, anything above
this will destroy the internal circuit. You
should therefore use a surge absorber.
• Surge waveform
[
±(1.2×50) µs uni-polar full wave voltage]
4. In order to maintain the
characteristics, do not remove the
timer case.
5. When installing the panel, use the
ATA4811 mounting frame (Sold
separately).
6. If you change the operating voltage,
be sure not to allow leak current into
the timer.
7. Avoid leaving the unit powered
continuously. Leaving the unit
powered up with output set to ON
continuously for a long period of time
(about 1 month or more) will wear out
the electronic components. If you will
be keeping it powered continuously,
combine with a relay to create the
circuit shown below:
8. The timer setting dial should only be
turned within the range indicated on
the dial face. Turning it too far may
break the stopper and cause damage
to internal components.
12 V DC
24 V DC
100 to 120 V AC
200 to 240 V AC
500 V
4,000 V
RT
R
R
T
Please abide by the conditions below
when using in applications that
comply with EN61812-1.
1. Overvoltage category III,
pollution level 2
2. The load connected to the output
contact should have basic insulation.
This timer is protected with basic
insulation and can be double-
insulated to meet EN/IEC
requirements by using basic
insulation on the load.
3. Please use a power supply that is
protected by an overcurrent protection
device which complies with the EN/
IEC standard (example: 250 V 1 A fuse,
etc.).
4. You must use a terminal socket or
socket for the installation. Do not
touch the terminals or other parts of
the timer when it is powered. When
installing or un-installing, make sure
that no voltage is being applied to any
of the terminals.
5. Do not use this timer as a safety
circuit. For example when using a
timer in a heater circuit, etc., provide a
protection circuit on the machine side.
All Rights Reserved © COPYRIGHT Matsushita Electric Works, Ltd.


Similar Part No. - PM4S-A2C10M-AC120V

ManufacturerPart #DatasheetDescription
logo
3M Electronics
PM4 3M-PM4 Datasheet
347Kb / 2P
   3M??Fire Barrier Packing Material PM4
logo
List of Unclassifed Man...
PM4-C1522-XX ETC1-PM4-C1522-XX Datasheet
130Kb / 1P
   4MM CIRCULAR LENS FLEXIBLE LIGHT PIPE FLPS1522 INDICATORS
PM4-D2031-XX ETC1-PM4-D2031-XX Datasheet
118Kb / 1P
   4MM DOMED LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
PM4-F2031-XX ETC1-PM4-F2031-XX Datasheet
119Kb / 1P
   4MM FLAT LENS FLEXIBLE LIGHT PIPE FLPS2031 INDICATORS
logo
Tumbler Technologies + ...
PM40-10AL TRUMPOWER-PM40-10AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
More results

Similar Description - PM4S-A2C10M-AC120V

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
XTC5400 SELEC-XTC5400 Datasheet
154Kb / 1P
   Multifunction, Multi - Range Timer Counter
logo
FOTEK CONTROLS CO., LTD...
STPN-M1 FOTEK-STPN-M1 Datasheet
215Kb / 1P
   Multi-Range ON DELAY TIMER/FLICKER
logo
Exar Corporation
XR2242 EXAR-XR2242 Datasheet
362Kb / 5P
   Long Range Timer
logo
Omron Electronics LLC
H3AM OMRON-H3AM Datasheet
192Kb / 8P
   Mechatronic Analog Timer
logo
Renesas Technology Corp
ICM7242 RENESAS-ICM7242 Datasheet
571Kb / 11P
   Long Range Fixed Timer
logo
Exar Corporation
XR-2243 EXAR-XR-2243 Datasheet
406Kb / 5P
   Micropower Long Range Timer
logo
Intersil Corporation
ICM7242 INTERSIL-ICM7242 Datasheet
73Kb / 7P
   Long Range Fixed Timer
ICM7242 INTERSIL-ICM7242_07 Datasheet
264Kb / 10P
   Long Range Fixed Timer
ICM7242IPAZ INTERSIL-ICM7242IPAZ Datasheet
298Kb / 11P
   Long Range Fixed Timer
September 14, 2015
logo
FOTEK CONTROLS CO., LTD...
STP-2D FOTEK-STP-2D Datasheet
370Kb / 2P
   MULTI-FUNCTION DIGITAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com