Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB940 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB940
Description  Photologic짰 Slotted Optical Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB940 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB940 Datasheet HTML 1Page - OPTEK Technologies OPB940 Datasheet HTML 2Page - OPTEK Technologies OPB940 Datasheet HTML 3Page - OPTEK Technologies OPB940 Datasheet HTML 4Page - OPTEK Technologies OPB940 Datasheet HTML 5Page - OPTEK Technologies OPB940 Datasheet HTML 6Page - OPTEK Technologies OPB940 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
02/08
Page 1 of 7
Photologic® Slotted Optical Switch
OPB930 and OPB940 (L and W Series)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Features:
Choice of aperture size
Choice of output configurations
Choice of opaque or IR transmissive shell
Choice of pins (L) or wires (W)
0.125” (3.18 mm) slot width
0.320” (8.128 mm) lead spacing for PCBoard (side mounting)
Data rates to 250 kBaud
Description:
The OPB930 and OPB940 series of Photologic® photo integrated circuit switches provide optimum flexibility for
the design engineer. Building from a standard housing with a 0.125” (3.18 mm) wide slot, a user can specify the
type and polarity of TTL output, discrete shell material, aperture width and either 0.350” (8.9 mm) long pins
(L Series)
or 24” (610 mm) AWG, UL listed wire leads (W Series).
All housings are made from an opaque grade of injection-molded plastic that minimizes the assembly’s sensitivity
to both visible and near-infrared ambient radiation. Discrete shells (exposed on the parallel faces inside the device
throat) are either IR transmissive plastic (for applications where aperture contamination may occur) or opaque
plastic (for maximum protection against ambient light).
Electrical output can be specified as either TTL Totem Pole or TTL Open Collector, either of which can be supplied
with buffer or inverter output polarity. All devices have the added stability of a built-in hysteresis amplifier.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
W Package
L Package
Applications:
Mechanical switch replacement
Speed indication (tachometer)
Mechanical limit indication
Part Number Guide — OPB930 and OPB940 Series
OPB 9 X X X X X Z———————For “W” series only
Optek Assembly
Sensor Aperture:
1 —
0.010” (2.54 mm)
5 —
0.050” (12.70 mm)
Photologic® Photo Integrated
Emitter Aperture:
Circuit Sensor Family
5 —
0.050” (12.70 mm)
Discrete Shell Material:
Mounting configurations:
3 —
Side mount IR transmissive
L —
Solder leads termination
Plastic discrete shell
W —
Wire termination
4 —
Side mount opaque
Plastic discrete shell
Electrical Specification Variations:
0
= Buffered Totem-Pole Output
1
= Buffered Open-Collector Output
2
= Inverted Totem-Pole Output
3
= Inverted Open-Collector Output
RoHS
CONTAINS POLYSULFONE
To avoid stress cracking, we suggest using ND
Industries’ Vibra-Tite for thread-locking.
Vibra-Tite
evaporates fast without causing
structural failure in OPTEK’s molded plastics.


Similar Part No. - OPB940

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB940 OPTEK-OPB940 Datasheet
317Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB940 ETC2-OPB940 Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB940L OPTEK-OPB940L Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
OPB940L51 OPTEK-OPB940L51 Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
logo
TT Electronics.
OPB940L51W TTELEC-OPB940L51W Datasheet
751Kb / 9P
   Slotted Optical Switch
More results

Similar Description - OPB940

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB983T51Z ETC2-OPB983T51Z Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB992T51 OPTEK-OPB992T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB930 OPTEK-OPB930 Datasheet
317Kb / 7P
   Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com