Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB930 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OPB930
Description  Photologic짰 Slotted Optical Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB930 Datasheet(HTML) 3 Page - OPTEK Technologies

  OPB930 Datasheet HTML 1Page - OPTEK Technologies OPB930 Datasheet HTML 2Page - OPTEK Technologies OPB930 Datasheet HTML 3Page - OPTEK Technologies OPB930 Datasheet HTML 4Page - OPTEK Technologies OPB930 Datasheet HTML 5Page - OPTEK Technologies OPB930 Datasheet HTML 6Page - OPTEK Technologies OPB930 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.3
02/08
Page 3 of 7
Photologic® Slotted Optical Switch
OPB930 and OPB940 (L and W Series)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Color- Pin #
Description
Red—1
Anode
Black—2
Cathode
White—3
VCC
Blue—4
Output
Green—5
Ground
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]
PCBoard (L) version
Wired (W) version
The W Series includes wire terminations of 24” (610 mm) 7-strand, 26
AWG UL insulated wire on each terminal. Each device incorporates a
wire strain relief at the housing surface. The insulation functions and
colors are: anode (red), cathode (black), phototransistor collector (white)
and phototransistor emitter (green).
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]


Similar Part No. - OPB930

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB930 OPTEK-OPB930 Datasheet
317Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB930 ETC2-OPB930 Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
TT Electronics.
OPB930 TTELEC-OPB930 Datasheet
751Kb / 9P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB930L OPTEK-OPB930L Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
OPB930L51 OPTEK-OPB930L51 Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
More results

Similar Description - OPB930

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB983T51Z ETC2-OPB983T51Z Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB992T51 OPTEK-OPB992T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB930 OPTEK-OPB930 Datasheet
317Kb / 7P
   Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com