Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA690IDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVR
Description  Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690IDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA690IDBVR Datasheet HTML 4Page - Texas Instruments OPA690IDBVR Datasheet HTML 5Page - Texas Instruments OPA690IDBVR Datasheet HTML 6Page - Texas Instruments OPA690IDBVR Datasheet HTML 7Page - Texas Instruments OPA690IDBVR Datasheet HTML 8Page - Texas Instruments OPA690IDBVR Datasheet HTML 9Page - Texas Instruments OPA690IDBVR Datasheet HTML 10Page - Texas Instruments OPA690IDBVR Datasheet HTML 11Page - Texas Instruments OPA690IDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
LoadResistance(W)
100
1000
-60
-65
-70
-75
-80
-85
-90
V =2V
O
PP
f=5MHz
3rd-Harmonic
2nd-Harmonic
SupplyVoltage(±V
S)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-60
-65
-70
-75
-80
3rd-Harmonic
2nd-Harmonic
V =2V
O
PP
R =100W
L
f=5MHz
Frequency(MHz)
0.1
1
10
20
-40
-50
-60
-70
-80
-90
-100
V =2V
O
PP
R =100W
L
2nd-Harmonic
3rd-Harmonic
OutputVoltageSwing(V
)
PP
0.1
1
5
-60
-65
-70
-75
-80
R
W
L =100
f=5MHz
3rd-Harmonic
2nd-Harmonic
NoninvertingGain(V/V)
1
10
20
-40
-50
-60
-70
-80
-90
3rd-Harmonic
2nd-Harmonic
V =2V
O
PP
R =100W
L
f=5MHz
InvertingGain(V/V)
1
10
20
-40
-50
-60
-70
-80
3rd-Harmonic
2nd-Harmonic
V
O
PP
=2V
R
L =100W
f=5MHz
R
F =1kW
OPA690
SBOS223F – DECEMBER 2001 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2, RF = 402Ω, and RL = 100Ω (see Figure 36 for ac performance only), unless otherwise noted.
HARMONIC DISTORTION
5MHz HARMONIC DISTORTION
vs LOAD RESISTANCE
vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs FREQUENCY
vs OUTPUT VOLTAGE
Figure 9.
Figure 10.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs NONINVERTING GAIN
vs INVERTING GAIN
Figure 11.
Figure 12.
8
Copyright © 2001–2010, Texas Instruments Incorporated
Product Folder Link(s): OPA690


Similar Part No. - OPA690IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690IDBVR TI-OPA690IDBVR Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA690IDBVRG4 TI-OPA690IDBVRG4 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
More results

Similar Description - OPA690IDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA690 TI-OPA690 Datasheet
410Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA2680 BURR-BROWN-OPA2680 Datasheet
204Kb / 21P
   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
OPA680 BURR-BROWN-OPA680 Datasheet
235Kb / 21P
   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA2690 BURR-BROWN-OPA2690 Datasheet
487Kb / 30P
   Dual, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Texas Instruments
OPA2680 TI1-OPA2680 Datasheet
217Kb / 22P
[Old version datasheet]   Dual Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
OPA2890 TI-OPA2890_08 Datasheet
815Kb / 35P
[Old version datasheet]   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA890 BURR-BROWN-OPA890 Datasheet
901Kb / 32P
   Low-Power, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com