Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB420AZ Datasheet(PDF) 5 Page - OPTEK Technologies

Part # OPB420AZ
Description  Right Angle Sensor: LED in tower, photosensor in base
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB420AZ Datasheet(HTML) 5 Page - OPTEK Technologies

  OPB420AZ Datasheet HTML 1Page - OPTEK Technologies OPB420AZ Datasheet HTML 2Page - OPTEK Technologies OPB420AZ Datasheet HTML 3Page - OPTEK Technologies OPB420AZ Datasheet HTML 4Page - OPTEK Technologies OPB420AZ Datasheet HTML 5Page - OPTEK Technologies OPB420AZ Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.1
11/08
Page 5 of 6
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB420AZ & OPB420BZ
Typical Output Current Vs Distance (Y-Axis Blocked)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.00
0.10
0.20
0.30
0.40
0.50
0.60
Blocking Distance - Inches
VCE = 5VDC
IF = 20 mA
Flag at
0.4"
Flag at
0.2"
Flag at
0.0"
X-Flag Direction
Y-Flag Direction
Typical Output Current Vs Distance X-Axis Blocked
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Blocking Distance - inches
VCE = 5VDC
IF = 20mA
Flag at
0.00
Flag at
0.15
Flag at
0.30


Similar Part No. - OPB420AZ

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB420AZ TTELEC-OPB420AZ Datasheet
752Kb / 6P
   Slotted Optical Switch
More results

Similar Description - OPB420AZ

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSF-LXH5147IIGGD LUMEX-SSF-LXH5147IIGGD Datasheet
61Kb / 1P
   T-1.8mm LED RIGHT ANGLE QUAD TOWER
logo
Omron Electronics LLC
E3B2-R7M4D-US OMRON-E3B2-R7M4D-US Datasheet
468Kb / 6P
   Plug-in Base, Long Range Sensor
logo
LUMEX INC.
SSF-LXH5147LID LUMEX-SSF-LXH5147LID Datasheet
47Kb / 1P
   T-1.8mm LED, RIGHT ANGLE QUAD TOWER FAULT INDICATOR
SSF-LXH5147IYGGD LUMEX-SSF-LXH5147IYGGD Datasheet
59Kb / 1P
   T-1.8mm LED RIGHT ANGLE QUAD TOWER FAULT INDICATOR
SSF-LXH5147LGGYYD LUMEX-SSF-LXH5147LGGYYD Datasheet
55Kb / 1P
   T-1.8mm LED, RIGHT ANGLE QUAD TOWER FAULT INDICATOR
SSF-LXH5147IYGID LUMEX-SSF-LXH5147IYGID Datasheet
63Kb / 1P
   T-1.8mm LED RIGHT ANGLE QUAD TOWER FAULT INDICATOR
SSF-LXH5147LYD LUMEX-SSF-LXH5147LYD Datasheet
47Kb / 1P
   T-1.8mm LED, RIGHT ANGLE QUAD TOWER FAULT INDICATOR
SSF-LXH5147SIYYYD LUMEX-SSF-LXH5147SIYYYD Datasheet
58Kb / 1P
   T-1.8mm LED, RIGHT ANGLE QUAD TOWER FAULT INDICATOR
SSF-LXH250GID LUMEX-SSF-LXH250GID Datasheet
49Kb / 1P
   T-1.8mm LED, RIGHT ANGLE QUAD TOWER FAULT INDICATOR
SSF-LXH5147LGD LUMEX-SSF-LXH5147LGD Datasheet
47Kb / 1P
   T-1.8mm LED, RIGHT ANGLE QUAD TOWER FAULT INDICATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com