Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WRFS-3WR2 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # WRFS-3WR2
Description  Ultra-Miniature SIP Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

WRFS-3WR2 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  WRFS-3WR2 Datasheet HTML 1Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 2Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 3Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 4Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 5Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 6Page - RSG Electronic Components GmbH WRFS-3WR2 Datasheet HTML 7Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
WRE_S-3WR2 & WRF_S-3WR2
2013.07.26-A/3
Page 2 of 7
WRE4805S-3WR2
±5
±300
±15
79
1000
79
WRE4812S-3WR2
±12
±125
±6
76
470
82
WRE4815S-3WR2
±15
±100
±5
76
330
82
WRF4803S-3WR2
3.3
758
38
70
2700
75
WRF4805S-3WR2
5
600
30
82
2200
76
WRF4812S-3WR2
12
250
13
78
680
80
WRF4815S-3WR2
15
200
10
75
470
84
WRF4824S-3WR2
48
(36-75)
80
24
125
6
77
7
45
330
82
Note:①. Absolute maximum rating without damage on the converter, but it isn't recommended;
②. For dual output converter, the given value is the same for each output.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
5V input
-0.7
--
12
12V input
-0.7
--
25
24V input
-0.7
--
50
Input Surge Voltage (1sec. max.)
48V input
-0.7
--
100
5V input
3.5
4
4.5
12V input
4.5
8
9
24V input
11
16
18
Start-up Voltage
48V input
24
33
36
VDC
Input Filter
C Filter
Models ON
Ctrl open or be insulated
Ctrl*
Models OFF
Connect high level voltage, and ensure the current into Ctrl to be 5-10mA
Note: *Please refer to "DESIGN CONSIDERATIONS" as the direction for use of Ctrl.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
5% to 100% load
--
±1
±3
No-load Output Voltage Accuracy
Input voltage range
--
±1.5
±5
Output Voltage Balance
Dual output, balanced loads
--
±0.5
±1
Line Regulation
Full load, Input voltage from low to high
--
±0.2
±0.5
Load Regulation
5% to 100% load
--
±0.6
±1
%
Transient Recovery Time
--
0.5
3
ms
Transient Response Deviation
25% load step change
--
±2.5
±5
%
Temperature coefficient
100% load
--
±0.02
±0.03
%/
°C
Ripple
--
30
45
Noise
20MHz Bandwidth
--
50
100
mVp-p
Output Short Circuit Protection
Continuous, automatic recovery
Note: ①.The max. no-load output voltage accuracy for WRF1203S-3W R2 and WRF4803S-3W R2 is ±8%;
②. Ripple and noise tested with "parallel cable" method. See detailed operation instructions at DC-DC application notes;
The max. output ripple for W RE2405S-3W R2 is 65mVp-p.
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-Output, Tested for 1 minute, leakage current less than 1 mA
3000
--
--
VDC
Isolation Resistance
Input-Output, Test at 500VDC
1000
--
--
M
Ω
Isolation Capacitance
Input-Output, 100KHz/0.1V
--
30
50
pF
Switching Frequency(PFM Mode) 100% load, nominal input voltage
--
250
--
KHz
MTBF
MIL-HDBK-217F@25℃
1000
--
--
K hours
Case Material
Plastic(UL94-V0)
Weight
--
4.9
--
g
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
--
--
95
%
Operating Temperature
Power derating (above85℃, see Figure 5)
-40
--
85
°C


Similar Part No. - WRFS-3WR2

ManufacturerPart #DatasheetDescription
logo
ETA-USA
WRF-SX ETA-USA-WRF-SX Datasheet
468Kb / 4P
   300 WATT AC-DC CONVERTER
logo
MORNSUN Science& Techno...
WRF0505CKS-1W MORNSUN-WRF0505CKS-1W Datasheet
140Kb / 2P
   DUAL/SINGLE OUTPUT SIP DC-DC CONVERTER
WRF0505P-3WR2 MORNSUN-WRF0505P-3WR2 Datasheet
279Kb / 6P
   DC/DC Converter
WRF0505P-6W MORNSUN-WRF0505P-6W Datasheet
120Kb / 2P
   DUAL/SINGLE OUTPUT DIP DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
WRF0505S-1W REICU-WRF0505S-1W Datasheet
1Mb / 1P
   3000VDC Isolated 1W Single/Double Output SIP-Package
REV:3.1
More results

Similar Description - WRFS-3WR2

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
WRBS-3WR2 RSG-WRBS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
   Ultra Compact SIP package
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
MORNSUN Science& Techno...
B0303S-D-1W MORNSUN-B0303S-D-1W Datasheet
125Kb / 3P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
IF0505S-D-W75 MORNSUN-IF0505S-D-W75 Datasheet
122Kb / 2P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0303SD-1W MORNSUN-B0303SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
B0305SD-1W MORNSUN-B0305SD-1W Datasheet
487Kb / 5P
   SINGLE OUTPUT MINIATURE SIP/DIP PACKAGE
WFB2412CS-2W MORNSUN-WFB2412CS-2W Datasheet
180Kb / 2P
   2W OUTPUT SINGLE OUTPUT MINIATURE SIP PACKAGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com