Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VKC03-24S12 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # VKC03-24S12
Description  3 WATTS REGULATED OUTPUT POWER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

VKC03-24S12 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  VKC03-24S12 Datasheet HTML 1Page - RSG Electronic Components GmbH VKC03-24S12 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
VER:06
Page 2 of 2
Issued Date
:2011/12/23
Mechanical Drawing:
Model
Number
Input
Range
Output
Voltage
Output
Current
Input
Current
(7)
Eff
(8)
(%)
Capacitor
(9)
Load max
VKC03-24S05
9 ~ 36 VDC
5 VDC
500mA
147mA
75
1000uF
VKC03-24S12
9 ~ 36 VDC
12 VDC
250mA
169mA
78
170uF
VKC03-24S15
9 ~ 36 VDC
15 VDC
200mA
169mA
78
110uF
VKC03-24D05
9 ~ 36 VDC
± 5 VDC
± 250mA
149mA
74
± 550uF
VKC03-24D12
9 ~ 36 VDC
± 12 VDC
± 125mA
172mA
77
± 96uF
VKC03-24D15
9 ~ 36 VDC
± 15 VDC
± 100mA
172mA
77
± 47uF
VKC03-48S05
18 ~ 75 VDC
5 VDC
500mA
74mA
75
1000uF
VKC03-48S12
18 ~ 75 VDC
12 VDC
250mA
85mA
78
170uF
VKC03-48S15
18 ~ 75 VDC
15 VDC
200mA
86mA
77
110uF
VKC03-48D05
18 ~ 75 VDC
± 5 VDC
± 250mA
75mA
74
± 550uF
VKC03-48D12
18 ~ 75 VDC
± 12 VDC
± 125mA
86mA
77
± 96uF
VKC03-48D15
18 ~ 75 VDC
± 15 VDC
± 100mA
85mA
78
± 47uF
Note
1.
The VKC03 series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage
these devices, however they may not meet all listed specification.
2.
Start up voltage
:10 Vdc.
3.
Please add an external filter at converter input terminals when measuring input reflected , figure 1.
L: Simulated source impedance of 12uH.
C: Nippon chemi-con KMF series 47uF/100V.
4.
The ON/OFF control pin voltage is referenced to –INPUT.
5.
BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment)
6.
M1 version is more efficiency; therefore, it can be operated in a more extensive temperature range than standard.
7.
Maximum value at nominal input voltage and full load of standard type.
8.
Typical value at nominal input voltage and full load
9.
Test by minimum input and constant resistor load.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
SMD PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
+ INPUT
+ INPUT
10
NC
COMMON
24
- INPUT
- INPUT
23
- INPUT
- INPUT
20
CTRL
CTRL
15
NC
+ OUTPUT
11
NC
COMMON
PIN
SINGLE
DUAL
12
- OUTPUT
NC
13
+ OUTPUT - OUTPUT
Others
NC
NC
Others
NC
NC
DIP PIN CONNECTION
PIN
SINGLE
DUAL
1
+ INPUT
+ INPUT
2
+ INPUT
+ INPUT
10
NC
COMMON
24
- INPUT
- INPUT
23
- INPUT
- INPUT
20
CTRL
CTRL
15
NC
+ OUTPUT
11
NC
COMMON
PIN
SINGLE
DUAL
12
- OUTPUT
NC
13
+ OUTPUT - OUTPUT
1. All dimensions in Inch (mm)
Tolerance x.xx
±0.02(x.x±0.05)
2. Pin pitch tolerance
±0.014(0.35)
Suffix-SMD
1.00(25.4)
0.92(23.4)
0.44(11.2)
0.43(10.9)
0.80(20.3)
24
13
16
20
12
1
5
9
BOTTOM
VIEW
Pin Area
0.04 x 0.02
(1.0 x 0.5)
Pin size is 0.02(0.5) Dia or
0.01 x 0.02 (0.25 x 0.50) Rectangular Pin
24
15
13
23
2
1
10
11
12
0.60(15.2)
0.80(20.3)
0.40
(10.2)
0.15
(3.8)
0.08(2.0)
BOTTOM
VIEW
20


Similar Part No. - VKC03-24S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24S12 ETC-VKC03-24S12 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
VKC03-24S12 ETC2-VKC03-24S12 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
VKC03-24S12 ASTRODYNE-VKC03-24S12 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03-24S12 ASTRODYNE-VKC03-24S12 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Similar Description - VKC03-24S12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFKC03 ETC1-PFKC03 Datasheet
99Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
MKC03-12S33 P-DUKE-MKC03-12S33 Datasheet
308Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
FKC03 RSG-FKC03 Datasheet
144Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PMKC03-05S33 P-DUKE-PMKC03-05S33 Datasheet
239Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
FKC03-12S33 P-DUKE-FKC03-12S33 Datasheet
236Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
List of Unclassifed Man...
YKC03 ETC1-YKC03 Datasheet
93Kb / 2P
   3 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
PFKC03-05S33 P-DUKE-PFKC03-05S33 Datasheet
255Kb / 3P
   3 WATTS REGULATED OUTPUT POWER
logo
RSG Electronic Componen...
PFKC05 RSG-PFKC05 Datasheet
196Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
logo
Power Mate Technology C...
DR1P5-05S05 P-DUKE-DR1P5-05S05 Datasheet
212Kb / 3P
   1.5 WATTS REGULATED OUTPUT POWER
PFKC05-12S33 P-DUKE-PFKC05-12S33 Datasheet
235Kb / 3P
   5 WATTS REGULATED OUTPUT POWER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com