Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOP03-48D05AB Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # MOP03-48D05AB
Description  REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

MOP03-48D05AB Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  MOP03-48D05AB Datasheet HTML 1Page - RSG Electronic Components GmbH MOP03-48D05AB Datasheet HTML 2Page - RSG Electronic Components GmbH MOP03-48D05AB Datasheet HTML 3Page - RSG Electronic Components GmbH MOP03-48D05AB Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MOP03(W)
Page
of 4
www.pduke.com
2013/7/9
1
MOP03(W) SERIES
DC-DC CONVERTER
2:1 & 4:1 WIDE INPUT RANGE
UP TO 3.3 WATTS
FEATURES
APPLICATIONS
REINFORCED INSULATION FOR 300VAC WORKING VOLTAGE
CLEARANCE AND CREEPAGE DISTANCE : 6.6mm/2MOOP
3000VAC INPUT TO OUTPUT 2MOOP ISOLATION
BUILT-IN EMI CLASS A FILTER
2µA PATIENT LEAKAGE CURRENT
SAFETY MEETS ANSI/AAMI ES60601-1, EN60601-1 AND IEC60601-1
CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
MEDICAL EQUIPMENT
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
MEASUREMENT EQUIPMENT
SEMICONDUCTOR EQUIPMENT
PV POWER SYSTEM
IGBT GATE DRIVER
3000VAC
ISOLATION
UVP
OCP
SCP
OVP
LOW
STANDBY
POWER
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25ºC otherwise noted
Input Range
Output Voltage
Output Current
@ Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µ
F
MOP03-05S3P3A/B
4.5 ~9
3.3
1000
10
81
1050
MOP03-05S05A/B
4.5 ~9
5
600
10
84.5
750
MOP03-05S12A/B
4.5 ~9
12
250
15
85.5
130
MOP03-05S15A/B
4.5 ~9
15
200
15
85
100
MOP03-05S24A/B
4.5 ~9
24
125
20
85.5
39
MOP03-05D05A/B
4.5 ~9
±5
±300
25
83
± 430
MOP03-05D12A/B
4.5 ~9
±12
±125
25
86
± 75
MOP03-05D15A/B
4.5 ~9
±15
±100
25
86
± 56
MOP03-12S3P3A/B
9 ~ 18
3.3
1000
10
82
1050
MOP03-12S05A/B
9 ~ 18
5
600
10
84.5
750
MOP03-12S12A/B
9 ~ 18
12
250
10
87
130
MOP03-12S15A/B
9 ~ 18
15
200
10
87
100
MOP03-12S24A/B
9 ~ 18
24
125
10
87
39
MOP03-12D05A/B
9 ~ 18
±5
±300
10
82
± 430
MOP03-12D12A/B
9 ~ 18
±12
±125
10
87.5
± 75
MOP03-12D15A/B
9 ~ 18
±15
±100
10
86
± 56
MOP03-24S3P3A/B
18 ~ 36
3.3
1000
6
82
1050
MOP03-24S05A/B
18 ~ 36
5
600
6
84.5
750
MOP03-24S12A/B
18 ~ 36
12
250
6
87
130
MOP03-24S15A/B
18 ~ 36
15
200
6
87
100
MOP03-24S24A/B
18 ~ 36
24
125
6
87
39
MOP03-24D05A/B
18 ~ 36
±5
±300
6
83
± 430
MOP03-24D12A/B
18 ~ 36
±12
±125
6
87
± 75
MOP03-24D15A/B
18 ~ 36
±15
±100
6
86
± 56
MOP03-48S3P3A/B
36 ~ 75
3.3
1000
4
81
1050
MOP03-48S05A/B
36 ~ 75
5
600
4
83
750
MOP03-48S12A/B
36 ~ 75
12
250
4
87
130
MOP03-48S15A/B
36 ~ 75
15
200
4
87
100
MOP03-48S24A/B
36 ~ 75
24
125
4
86
39
MOP03-48D05A/B
36 ~ 75
±5
±300
4
83
± 430
MOP03-48D12A/B
36 ~ 75
±12
±125
4
86
± 75
MOP03-48D15A/B
36 ~ 75
±15
±100
4
86
± 56


Similar Part No. - MOP03-48D05AB

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
MOP03-48D05A P-DUKE-MOP03-48D05A Datasheet
479Kb / 5P
   DC-DC CONVERTER
More results

Similar Description - MOP03-48D05AB

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIHW2000 TOTAL-POWER-MIHW2000 Datasheet
418Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MSHU100 TOTAL-POWER-MSHU100 Datasheet
413Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW1000 TOTAL-POWER-MIHW1000 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIHW3000 TOTAL-POWER-MIHW3000 Datasheet
756Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MDHU100 TOTAL-POWER-MDHU100 Datasheet
410Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
MIDR03M TOTAL-POWER-MIDR03M Datasheet
453Kb / 4P
   Insulation rated for 300VAC Working Voltage
MKW10M TOTAL-POWER-MKW10M Datasheet
550Kb / 4P
   Insulation rated for 300VAC Working Voltage
logo
RSG Electronic Componen...
MPP10 RSG-MPP10 Datasheet
271Kb / 4P
   REINFORCED INSULATION FOR 250VAC WORKING VOLTAGE
logo
Recom International Pow...
REM3 RECOM-REM3 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
REM6 RECOM-REM6 Datasheet
1Mb / 5P
   Reinforced Insulation for 250VAC Working Voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com