Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL06-12D15 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PDL06-12D15
Description  SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL06-12D15 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PDL06-12D15 Datasheet HTML 1Page - RSG Electronic Components GmbH PDL06-12D15 Datasheet HTML 2Page - RSG Electronic Components GmbH PDL06-12D15 Datasheet HTML 3Page - RSG Electronic Components GmbH PDL06-12D15 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PDL06
Page 1 of 4
www.pduke.com
2013/04/19
INPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating input voltage range
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
5
12
24
48
9
18
36
75
VDC
Start up voltage
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
4.5
9
18
36
VDC
Shutdown voltage
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
3.5
7
15
33
VDC
Start up time
Constant resistive load
Power up
Remote ON/OFF
30
30
ms
Input surge voltage
1 second, max.
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
15
25
50
100
VDC
Input reflected ripple current(1)
5Vin(nom)
12Vin(nom)
24Vin(nom)
48Vin(nom)
30
30
30
30
mAp-p
Input filter
Capacitor type
DC-DC ON
Open or high impedance
Referenced to –INPUT pin and
CTRL pin applied current
DC-DC OFF
2
3
4
mA
Remote ON/OFF
Remote off input current
2.5
mA
OUTPUT SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Voltage accuracy
-1.0
+1.0
%
Line regulation
Low Line to High Line at Full Load
-0.2
+0.2
%
Load regulation
No Load to Full Load
Single
Dual
-1.0
-1.0
+1.0
+1.0
%
Cross regulation
Asymmetrical load 25%/100% FL
Dual
-5.0
+5.0
%
Ripple and noise
Measured by 20MHz bandwidth
50
75
mVp-p
Temperature coefficient
-0.02
+0.02
%/
Transient response recovery time
25% load step change
500
µ
s
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Isolation voltage
1 minute
Input to Output
Input (Output) to Case
Standard Type
Suffix ”H”
Suffix ”M”
Suffix ”M”
1600
3000
1600
1000
VDC
Isolation resistance
500VDC
1
G
Isolation capacitance
Standard Type
Suffix ”H”
Suffix ”M”
50
50
50
pF
Switching frequency
100
kHz
Design meet safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Standard Type
Suffix ”H”
Suffix ”M”
Non-conductive black plastic
Non-conductive black plastic
Copper
Base material
None
Potting material
Silicon (UL94-V0)
Dimensions
0.86 X 0.36 X 0.44 Inch
(21.8 X 9.1 X 11.2 mm)
Weight
Standard Type
Suffix ”H”
Suffix ”M”
4.8g (0.17oz)
4.8g (0.17oz)
5.9g (0.21oz)
BELLCORE TR-NWT-000332 Case 1: 50% Stress, Ta= 40
℃.
MTBF
MIL-HDBK-217F Ta=25
℃, Full load
(G/B, controlled environment)
Standard Type
Suffix ”H”
Suffix ”M”
2.097 x 10
6 hrs
7.705 x 10
5 hrs
7.705 x 10
5 hrs
9.987 x 10
5 hrs


Similar Part No. - PDL06-12D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL06-12D15 P-DUKE-PDL06-12D15 Datasheet
466Kb / 4P
   DC-DC CONVERTER
PDL06-12D15 P-DUKE-PDL06-12D15 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
More results

Similar Description - PDL06-12D15

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXM17504 MAXIM-MAXM17504 Datasheet
1Mb / 19P
   Small Profile 9mm x 15mm x 2.8mm SiP Package
Rev 1; 4/15
logo
MORNSUN Science& Techno...
G0505S-2WR2 MORNSUN-G0505S-2WR2 Datasheet
1Mb / 5P
   SIP package
logo
DB Lectro Inc
102E-1A DBLECTRO-102E-1A Datasheet
1Mb / 2P
   Micro SIP package
logo
MORNSUN Science& Techno...
B0303YS-W2 MORNSUN-B0303YS-W2 Datasheet
120Kb / 2P
   MINIATURE SIP PACKAGE
logo
DB Lectro Inc
101E-1A DBLECTRO-101E-1A Datasheet
850Kb / 2P
   Micro SIP package
logo
Emerson Network Power
NFS40SERIES EMERSON-NETWORKPOWER-NFS40SERIES Datasheet
1Mb / 4P
   5.0 x 3.0 x 1.2 inch package
logo
MORNSUN Science& Techno...
QA121 MORNSUN-QA121 Datasheet
1Mb / 4P
   Ultra Compact SIP package
logo
Total Power Internation...
MAW01 TOTAL-POWER-MAW01 Datasheet
379Kb / 4P
   Compact SIP-6 Package
logo
Yamaichi Electronics Co...
IC70-0726-G4 YAMAICHI-IC70-0726-G4 Datasheet
40Kb / 1P
   Single Inline Package (SIP)
logo
RSG Electronic Componen...
WRAS-3WR2 RSG-WRAS-3WR2 Datasheet
665Kb / 7P
   Ultra-Miniature SIP Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com