Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDL03-24S09 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PDL03-24S09
Description  3 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDL03-24S09 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PDL03-24S09 Datasheet HTML 1Page - RSG Electronic Components GmbH PDL03-24S09 Datasheet HTML 2Page - RSG Electronic Components GmbH PDL03-24S09 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
www.pduke.com
2013/5/3
PDL03 SERIES
3 WATTS
DC-DC CONVERTER
INPUT SPECIFICATIONS
Input voltage range
5VDC nominal input
12VDC nominal input
24VDC nominal input
48VDC nominal input
4.5 ~ 9VDC
9 ~ 18VDC
18 ~ 36VDC
36 ~ 75VDC
Input filter
Capacitor type
Input surge voltage
5VDC input
12VDC input
24VDC input
48VDC input
15VDC 100ms, max.
36VDC 100ms, max.
50VDC 100ms, max.
100VDC 100ms, max.
Input reflected ripple
current
5VDC input
12VDC input
24VDC input
48VDC input
400mAp-p, max.
150mAp-p, max.
380mAp-p, max.
170mAp-p, max.
Start up time
Nominal input and
constant resistive load
Power up
Remote ON/OFF
30ms
30ms
Remote ON/OFF
DC-DC ON
DC-DC OFF
Open or high impedance
Control pin applied current
2 ~ 4mA max(via 1k
Ω)
Remote off state input current
Nominal input
2.5mA, max.
Application circuit
ENVIRONMENTAL SPECIFICATIONS
Operating ambient temperature
-40ºC ~ +71ºC (without derating)
+71ºC ~ +100ºC (with derating)
Storage temperature range
-55ºC ~ +125ºC
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
EMI (Note 6)
EN55022
Class A, Class B
ESD
EN61000-4-2
Air
Contact
± 8kV
± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (Note 7)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (Note 7)
EN61000-4-5
± 1kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
3 Watts, max.
Voltage accuracy
± 1%
Minimum load
0%
Line regulation
LL to HL at Full Load
± 0.2%
Load regulation
Single
Dual
No load to Full load
5% load to 100% load
No Load to Full Load
± 1%
± 0.5%
± 1%
Cross regulation
(Dual)
Asymmetrical load 25%/100% FL
±5%
Ripple and noise
20MHz bandwidth
See table
Temperature coefficient
±0.02% / ºC, max.
Transient response recovery time
25% load step change
500µs
Short circuit protection
Continuous, automatics recovery
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
Standard
Suffix ”H”
1600VDC, min. 1minute
3000VDC, min. 1minute
Isolation resistance
500VDC
10
9
ohms, min.
Isolation capacitance
Standard
Suffix ”H”
200pF, max.
40pF, max.
Switching frequency
Full load to minimum load
100kHz, min.
Design meet safety standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Non-conductive black plastic
Base material
None
Potting material
Silicon (UL94-V0)
Dimensions
0.86 X 0.36 X 0.44 Inch
(21.8 X 9.1 X 11.2 mm)
Weight
4.8g (0.17oz)
MTBF(Note 1)
BELLCORE TR-NWT-000332
MIL-HDBK-217F
4.386 x 10
6 hrs
2.401 x 10
6 hrs
T E C H N I C A L S P E C I F I C A T I O N All specifications are typical at nominal input, full load and 25ºC otherwise noted
FEATURES
3 WATTS MAXIMUM OUTPUT POWER
OUTPUT CURRENT UP TO 700mA
SIP PACKAGE, 0.86 x 0.36x 0.44 INCH
HIGH EFFICIENCY UP TO 85%
2:1 WIDE INPUT VOLTAGE RANGE
SWITCHING FREQUENCY (100kHz, MIN)
NO EXTERNAL INPUT AND OUTPUT CAPACITOR NEEDED
LOW RIPPLE & NOISE
UL94-V0 CASE POTTING MATERIALS
INPUT TO OUTPUT ISOLATION: 1600VDC
CONTINUOUS SHORT CIRCUIT PROTECTION
EXTERNAL ON/OFF CONTROL
CE MARK MEETS 2006/95/EC, 2011/95/EC AND 2004/108/EC
SAFETY MEETS UL60950-1, EN60950-1 AND IEC60950-1
ISO9001 CERTIFIED MANUFACTURING FACILITIES
COMPLIANT TO RoHS EU DIRECTIVE 2011/65/EU
OPTIONS
3000VDC ISOLATION
DESCRIPTION
The PDL03 series offer 3 watts of output power from a 0.86 x 0.36 x 0.44 inch package
without derating to 71ºC. The PDL03 series have 2:1 wide input voltage of 4.5~9, 9~18,
18~36 and 36~75VDC and features 1600VDC of isolation, short-circuit protection.
APPLICATIONS
Wireless Network
Telecom/Datacom
Industry Control System
Measurement Equipment
Semiconductor Equipment


Similar Part No. - PDL03-24S09

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03-24S09 P-DUKE-PDL03-24S09 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
PDL03-24S09 P-DUKE-PDL03-24S09 Datasheet
335Kb / 4P
   DC-DC CONVERTER
PDL03-24S09 P-DUKE-PDL03-24S09 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03-24S09W P-DUKE-PDL03-24S09W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-24S09W RSG-PDL03-24S09W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PDL03-24S09

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
   3 WATTS DC-DC CONVERTER
PFKC03 RSG-PFKC03 Datasheet
174Kb / 3P
   3 WATTS DC-DC CONVERTER
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDS03 RSG-PDS03 Datasheet
181Kb / 3P
   3 WATTS DC-DC CONVERTER
PDL03W RSG-PDL03W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 RSG-PMKC03 Datasheet
245Kb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com