Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR3-1212S03AX Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR3-1212S03AX
Description  3 Watt 2:1 regulated single & dual output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR3-1212S03AX Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR3-1212S03AX Datasheet HTML 1Page - RSG Electronic Components GmbH RR3-1212S03AX Datasheet HTML 2Page - RSG Electronic Components GmbH RR3-1212S03AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RR3-S03/D03
3 Watt 2:1 regulated
single & dual output
MODEL SELECTION GUIDE
Page: 2/3
Last update: 21.07.09
Name/Package
RR3=DIL24
Add suffix P at the end for Plastic Case!
DERATING CURVE
NUMBER STRUCTURE
Isolation
1=1.5kVDC
3=3.5kVDC
Power
03=3W
Code
internal
RR3
-
XX
XX
S/D 03
A
X (P)*
Type
S=Single
D=Dual
Output
03=3.3V
05=5V
09=9V
12=12V
15=15V
24=24V
Input
12=9~18V
24=18~36V
48=36~72V
Model Number
Input
Input current (mA)
Output
Output current
Efficiency
Capacitor
Range VDC
No Load / Full Load
VDC
Full Load (mA)
@FL (%)
Load (HF)
RR3-1203S03AX
9-18
22 / 343
3.3
900
72
470
RR3-1205S03AX
9-18
22 / 328
5
600
76
470
RR3-1209S03AX
9-18
22 / 320
9
333
78
68
RR3-1212S03AX
9-18
22 / 312
12
250
80
47
RR3-1215S03AX
9-18
22 / 312
15
200
80
47
RR3-1224S03AX
9-18
22 / 313
24
125
80
22
RR3-1203D03AX
9-18
22 / 343
±3.3
±450
72
±220
RR3-1205D03AX
9-18
22 / 328
±5
±300
76
±220
RR3-1209D03AX
9-18
22 / 312
±9
±167
80
±33
RR3-1212D03AX
9-18
22 / 312
±12
±125
80
±22
RR3-1215D03AX
9-18
22 / 312
±15
±100
80
±22
RR3-1224D03AX
9-18
22 / 313
±24
±63
80
±10
RR3-2403S03AX
18-36
12 / 171
3.3
900
72
470
RR3-2405S03AX
18-36
12 / 164
5
600
76
470
RR3-2409S03AX
18-36
12 / 160
9
333
78
68
RR3-2412S03AX
18-36
12 / 156
12
250
80
47
RR3-2415S03AX
18-36
12 / 152
15
200
82
47
RR3-2424S03AX
18-36
12 / 153
24
125
82
22
RR3-2403D03AX
18-36
12 / 171
±3.3
±450
72
±220
RR3-2405D03AX
18-36
12 / 160
±5
±300
78
±220
RR3-2409D03AX
18-36
12 / 156
±9
±167
80
±33
RR3-2412D03AX
18-36
12 / 152
±12
±125
82
±22
RR3-2415D03AX
18-36
12 / 152
±15
±100
82
±22
RR3-2424D03AX
18-36
12 / 153
±24
±63
82
±10
RR3-4803S03AX
36-72
8 / 86
3.3
900
72
470
RR3-4805S03AX
36-72
8 / 82
5
600
76
470
RR3-4809S03AX
36-72
8 / 80
9
333
78
68
RR3-4812S03AX
36-72
8 / 78
12
250
80
47
RR3-4815S03AX
36-72
8 / 78
15
200
80
47
RR3-4824S03AX
36-72
8 / 78
24
125
80
22
RR3-4803D03AX
36-72
8 / 86
±3.3
±450
72
±220
RR3-4805D03AX
36-72
8 / 82
±5
±300
76
±220
RR3-4809D03AX
36-72
8 / 80
±9
±167
78
±33
RR3-4812D03AX
36-72
8 / 78
±12
±125
80
±22
RR3-4815D03AX
36-72
8 / 78
±15
±100
80
±22
RR3-4824D03AX
36-72
8 / 78
±24
±63
80
±10


Similar Part No. - RR3-1212S03AX

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
RR30P11B04 PRODUCTWELL-RR30P11B04 Datasheet
111Kb / 1P
   ROSITION ROUTE SWITCHES
logo
E-SWITCH
RR3112ABLKBLKNAF0 E-SWITCH-RR3112ABLKBLKNAF0 Datasheet
200Kb / 1P
   E-SWITCH RR3112ABLKBLKNAF0
RR3130ABLKBLKFS E-SWITCH-RR3130ABLKBLKFS Datasheet
54Kb / 1P
   E-SWITCH RR3130ABLKBLKFS
RR3402C05 E-SWITCH-RR3402C05 Datasheet
56Kb / 1P
   E-SWITCH RR3402C05
logo
List of Unclassifed Man...
RR3B-U ETC2-RR3B-U Datasheet
159Kb / 4P
   RR Series ??General Purpose Power Relays
More results

Similar Description - RR3-1212S03AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR4-S03-D03 RSG-RR4-S03-D03 Datasheet
153Kb / 3P
   3 Watt 2:1 regulated
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
   3.0 Watt 4:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com