Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR4-1203S05AX Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # RR4-1203S05AX
Description  5 Watt 2:1 regulated single & dual output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-1203S05AX Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  RR4-1203S05AX Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-1203S05AX Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-1203S05AX Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RR4-S05/D05
5 Watt 2:1 regulated
single & dual output
DERATING CURVE
Page: 2/3
Last update: 12.02.09
NUMBER STRUCTURE
Isolation
1=1.5 kVDC
3=3.5 kVDC
Power
05=5W
Output
03=3.3V
05=5V
09=9V
12=12V
Code
internal
RR4
-
XX
XX
S
05
A
1 (P)*
Type
S=Single
D=Dual
Input
12=9~18V
24=18~36V
48=36~72V
Name/Package
RR4=DIL24
*Note: Please add suffix „P“ for Plastic case!
Model Number
Input
Input current (mA)
Output
Output current
Efficiency
Capacitor
Range VDC
No Load / Full Load
VDC
Full Load (mA)
@FL (%)
Load (HF)
RR4-1203S05AX
9-18
30 / 490
3.3
1300
73
1000
RR4-1205S05AX
9-18
30 / 542
5
1000
77
1000
RR4-1209S05AX
9-18
30 / 534
9
555
78
680
RR4-1212S05AX
9-18
30 / 514
12
417
81
330
RR4-1215S05AX
9-18
30 / 520
15
333
80
220
RR4-1224S05AX
9-18
30 / 520
24
208
80
68
RR4-1203D05AX
9-18
30 / 565
±3.3
±750
73
±680
RR4-1205D05AX
9-18
30 / 542
±5
±500
77
±330
RR4-1209D05AX
9-18
30 / 520
±9
±278
80
±220
RR4-1212D05AX
9-18
30 / 520
±12
±208
80
±100
RR4-1215D05AX
9-18
30 / 528
±15
±167
79
±47
RR4-1224D05AX
9-18
30 / 520
±24
±104
80
±33
RR4-2403S05AX
18-36
20 / 239
3.3
1300
75
1000
RR4-2405S05AX
18-36
20 / 261
5
1000
80
1000
RR4-2409S05AX
18-36
20 / 254
9
555
82
680
RR4-2412S05AX
18-36
20 / 261
12
417
80
330
RR4-2415S05AX
18-36
20 / 255
15
333
82
220
RR4-2424S05AX
18-36
20 / 255
24
208
82
68
RR4-2403D05AX
18-36
20 / 275
±3.3
±750
75
±680
RR4-2405D05AX
18-36
20 / 267
±5
±500
78
±330
RR4-2409D05AX
18-36
20 / 251
±9
±278
83
±220
RR4-2412D05AX
18-36
20 / 261
±12
±208
80
±100
RR4-2415D05AX
18-36
20 / 261
±15
±167
80
±47
RR4-2424D05AX
18-36
20 / 261
±24
±104
80
±33
RR4-4803S05AX
36-72
12 / 120
3.3
1300
75
1000
RR4-4805S05AX
36-72
12 / 131
5
1000
80
1000
RR4-4809S05AX
36-72
12 / 127
9
555
82
680
RR4-4812S05AX
36-72
12 / 131
12
417
80
330
RR4-4815S05AX
36-72
12 / 126
15
333
83
220
RR4-4824S05AX
36-72
12 / 126
24
208
83
68
RR4-4803D05AX
36-72
12 / 142
±3.3
±750
73
±680
RR4-4805D05AX
36-72
12 / 132
±5
±500
79
±330
RR4-4809D05AX
36-72
12 / 132
±9
±278
79
±220
RR4-4812D05AX
36-72
12 / 131
±12
±208
80
±100
RR4-4815D05AX
36-72
12 / 131
±15
±167
80
±47
RR4-4824D05AX
36-72
12 / 131
±24
±104
80
±33
MODEL SELECTION GUIDE


Similar Part No. - RR4-1203S05AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-1203S05AX RSG-RR4-1203S05AX Datasheet
709Kb / 4P
   DC/DC-Converter
More results

Similar Description - RR4-1203S05AX

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR7-S05-D05 RSG-RR7-S05-D05 Datasheet
131Kb / 3P
   5 Watt 4:1 regulated single & dual output
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR5-S05-D05 RSG-RR5-S05-D05 Datasheet
206Kb / 3P
   5.0 Watt 4:1 regulated single & dual output
RR5-S03-D03 RSG-RR5-S03-D03 Datasheet
211Kb / 4P
   3.0 Watt 4:1 regulated single & dual output
RR7-S06-D06 RSG-RR7-S06-D06 Datasheet
170Kb / 3P
   6 Watt 4:1 regulated single & dual output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com