Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RR4-S03-D03 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # RR4-S03-D03
Description  3 Watt 2:1 regulated
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

RR4-S03-D03 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  RR4-S03-D03 Datasheet HTML 1Page - RSG Electronic Components GmbH RR4-S03-D03 Datasheet HTML 2Page - RSG Electronic Components GmbH RR4-S03-D03 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OUTPUT SPECIFICATIONS
RR4-S03/D03
3 Watt 2:1 regulated
single & dual output
ABSOLUTE MAXIMUM RATINGS (4)
DIP24, wide 2:1 input range
Full SMD technology
1500 VDC isolation, up to 3500 VDC
Continuous short circuit protection
Efficiency up to 82%
-40°C~85°C operation temperature range
Optional plastic case
Voltage accuracy
± 1%
Line regulation
± 0.5%
Load regulation
± 0.5%
(Output 3.3 V / ±3.3 V Model)
± 1.5%
Ripple & Noise (20 MHz bandwith) (1)
60 mV pk-pk
Short circuit protection
Indefinite (automatic recovery)
Temperature coefficient
± 0.02%/°C
Capacitor load (2)
See table
Voltage range
See table
Max. input current
See table
No-load input current
See table
Input filter
PI Type
Input reflected ripple current (3)
35 mA pk-pk
INPUT SPECIFICATIONS
Efficiency
See table, typ.
I/O isolation voltage (3 sec.)
Input / Output
1500 VDC ~ 3500 VDC
Metal case / Input & Output
1000 VDC
I/O isolation capacitance
470 pF typ.
I/O isolation resistance
1000 M Ohm
Switching frequency
typ. 266 kHz
Humidity
95% rel. H
Reliability calculated MTBF (MIL-HDBK-217F)
> 1.121 Mhrs.
Safety standard (designed to meet)
IEC 60950-1:2001
GENERAL SPECIFICATIONS
Case material
Nickel-coated copper
Non-conductive black plastic (UL94V-0 rated)
Base material Non-conductive black plastic (UL94V-0 rated)
Pin material
Ø 0.5 mm brass solder-coated
Potting material
Epoxy (UL94V-0 rated)
Weight
17.0 g Metal, 13.5 g Plastic
Dimensions
1.25“ x 0.8“ x 0.4“
These are stress ratings. Exposure of devices to any of these
conditions may adversely affect long-term reliability.
Input voltage (100 mS)
12 modes
-0.7 ~ 24 VDC
24 modes
-0.7 ~ 40 VDC
48 modes
-0.7 ~ 80 VDC
Lead soldering temperature
260°C
(1.5 mm from case 10 sec.)
All specifications typical at Ta = 25°C, nominal input voltage and full load
unless otherwise specified.
The information and specifications contained in this data sheet are believed
to be correct at time of publication. However, we accept no responsibility
for consequences arising from printing errors or inaccuracies.
Subject to change without notice.
Page: 1/3
Last update: 03.10.07
Operating temperature (See derating curve)
-40°C~ 85°C
Maximum case temperature
100°C
Storage temperature
-40°C~125°C
Cooling
Nature convection
ENVIRONMENT SPECIFICATIONS
1) Typical value at nominal input voltage and full load.
2) Tested by nominal Vin and constant resistor load.
3) Measured input reflected ripple current with a simulated
source inductance of 12uH.
4) Exceeding the absolute ratings of the unit could cause
damage. It is not allowed for continuous operating.
The models listed are just for standard type. If you need a
special specification product, please contact our service.
Phone: +49 69 984047-0, mail to: info@rsg-electronic.de
or use the forms on www.rsg-electronic.de („Kontakt“).
NOTE
PHYSICAL SPECIFICATIONS


Similar Part No. - RR4-S03-D03

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR4-S08-D08 RSG-RR4-S08-D08 Datasheet
155Kb / 3P
   8 Watt 2:1 regulated
More results

Similar Description - RR4-S03-D03

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-S03-D03 RSG-RR2-S03-D03 Datasheet
117Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR3-S03-D03 RSG-RR3-S03-D03 Datasheet
148Kb / 3P
   3 Watt 2:1 regulated single & dual output
RR4-S08-D08 RSG-RR4-S08-D08 Datasheet
155Kb / 3P
   8 Watt 2:1 regulated
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR4-S10-D10 RSG-RR4-S10-D10 Datasheet
185Kb / 3P
   10 Watt 2:1 regulated single & dual output
RS5-R30-RD30 RSG-RS5-R30-RD30 Datasheet
163Kb / 4P
   3.0 Watt 2:1 regulated single & dual output
RR2-S05-D05-D RSG-RR2-S05-D05-D Datasheet
177Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR4-S05-D05 RSG-RR4-S05-D05 Datasheet
168Kb / 3P
   5 Watt 2:1 regulated single & dual output
RR6-S03-D03 RSG-RR6-S03-D03 Datasheet
143Kb / 3P
   3.0 Watt 4:1 regulated
logo
Murata Power Solutions ...
HL01RZC MURATA-PS-HL01RZC Datasheet
132Kb / 3P
   1 WATT REGULATED DC/DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com