Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDS03-12S3P3 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PDS03-12S3P3
Description  3 WATTS DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PDS03-12S3P3 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PDS03-12S3P3 Datasheet HTML 1Page - RSG Electronic Components GmbH PDS03-12S3P3 Datasheet HTML 2Page - RSG Electronic Components GmbH PDS03-12S3P3 Datasheet HTML 3Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
www.pduke.com
2013/5/3
PDS(H)03 SERIES
3 WATTS
DC-DC CONVERTER
Output Current
Model
Number
Input
Range
Output
Voltage
Min. load
Full load
Output
(2)
Ripple & Noise
No load
(3)
Input Current
Eff
(4)
(%)
Capacitor
(5)
Load max.
PDS(H)03-05S3P3
4.5 ~ 9 VDC
3.3 VDC
0mA
700mA
30 mVp-p
40mA
75
3300µF
PDS(H)03-05S05
4.5 ~ 9 VDC
5 VDC
0mA
600mA
30 mVp-p
40mA
79
1680µF
PDS(H)03-05S09
4.5 ~ 9 VDC
9 VDC
0mA
333mA
30 mVp-p
40mA
79
1000µF
PDS(H)03-05S12
4.5 ~ 9 VDC
12 VDC
0mA
250mA
30 mVp-p
40mA
80
820µF
PDS(H)03-05S15
4.5 ~ 9 VDC
15 VDC
0mA
200mA
30 mVp-p
50mA
81
680µF
PDS(H)03-05D05
4.5 ~ 9 VDC
±5 VDC
0mA
±300mA
30 mVp-p
50mA
80
±1000µF
PDS(H)03-05D12
4.5 ~ 9 VDC
±12 VDC
0mA
±125mA
30 mVp-p
50mA
80
±470µF
PDS(H)03-05D15
4.5 ~ 9 VDC
±15 VDC
0mA
±100mA
30 mVp-p
55mA
81
±330µF
PDS(H)03-12S3P3
9 ~ 18 VDC
3.3 VDC
0mA
700mA
30 mVp-p
30mA
76
3300µF
PDS(H)03-12S05
9 ~ 18 VDC
5 VDC
0mA
600mA
30 mVp-p
30mA
81
1680µF
PDS(H)03-12S09
9 ~ 18 VDC
9 VDC
0mA
333mA
30 mVp-p
30mA
80
1000µF
PDS(H)03-12S12
9 ~ 18 VDC
12 VDC
0mA
250mA
30 mVp-p
30mA
82
820µF
PDS(H)03-12S15
9 ~ 18 VDC
15 VDC
0mA
200mA
30 mVp-p
30mA
82
680µF
PDS(H)03-12D05
9 ~ 18 VDC
±5 VDC
0mA
±300mA
30 mVp-p
30mA
80
±1000µF
PDS(H)03-12D12
9 ~ 18 VDC
±12 VDC
0mA
±125mA
30 mVp-p
30mA
82
±470µF
PDS(H)03-12D15
9 ~ 18 VDC
±15 VDC
0mA
±100mA
30 mVp-p
30mA
83
±330µF
PDS(H)03-24S3P3
18 ~ 36 VDC
3.3 VDC
0mA
700mA
30 mVp-p
13mA
76
3300µF
PDS(H)03-24S05
18 ~ 36 VDC
5 VDC
0mA
600mA
30 mVp-p
13mA
81
1680µF
PDS(H)03-24S09
18 ~ 36 VDC
9 VDC
0mA
333mA
30 mVp-p
13mA
82
1000µF
PDS(H)03-24S12
18 ~ 36 VDC
12 VDC
0mA
250mA
30 mVp-p
13mA
82
820µF
PDS(H)03-24S15
18 ~ 36 VDC
15 VDC
0mA
200mA
30 mVp-p
13mA
83
680µF
PDS(H)03-24D05
18 ~ 36 VDC
±5 VDC
0mA
±300mA
30 mVp-p
13mA
80
±1000µF
PDS(H)03-24D12
18 ~ 36 VDC
±12 VDC
0mA
±125mA
30 mVp-p
13mA
83
±470µF
PDS(H)03-24D15
18 ~ 36 VDC
±15 VDC
0mA
±100mA
30 mVp-p
13mA
83
±330µF
PDS(H)03-48S3P3
36 ~ 75 VDC
3.3 VDC
0mA
700mA
30 mVp-p
10mA
76
3300µF
PDS(H)03-48S05
36 ~ 75 VDC
5 VDC
0mA
600mA
30 mVp-p
10mA
81
1680µF
PDS(H)03-48S09
36 ~ 75 VDC
9 VDC
0mA
333mA
30 mVp-p
10mA
80
1000µF
PDS(H)03-48S12
36 ~ 75 VDC
12 VDC
0mA
250mA
30 mVp-p
10mA
82
820µF
PDS(H)03-48S15
36 ~ 75 VDC
15 VDC
0mA
200mA
30 mVp-p
10mA
82
680µF
PDS(H)03-48D05
36 ~ 75 VDC
±5 VDC
0mA
±300mA
30 mVp-p
10mA
81
±1000µF
PDS(H)03-48D12
36 ~ 75 VDC
±12 VDC
0mA
±125mA
30 mVp-p
10mA
83
±470µF
PDS(H)03-48D15
36 ~ 75 VDC
±15 VDC
0mA
±100mA
30 mVp-p
10mA
83
±330µF
PDS03-48S05 Derating Curve
PDS03-48S05 Efficiency VS Input Voltage
PDS03-48S05 Efficiency VS Output Load
45
50
55
60
65
70
75
80
85
36
40
44
48
52
56
60
66
72
75
INPUT VOLTAGE(V)
45
50
55
60
65
70
75
80
85
10
20
30
40
50
60
70
80
90
100
% of FULL LOAD
Note
1.BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40ºC.
MIL-HDBK-217F Notice2 @Ta=25 ºC, Full load(Ground, Benign, controlled environment)
2.Typical value at nominal input and full load. (20MHz BW.)
3.Typical value at nominal input and no load.
4.Typical value at nominal input and full load.
5.Test by minimum input and constant resistive load.
6.The PDS(H)03 series standard module meets EN55022 Class A and Class B with external components.
For more detail information, please contact with P-DUKE.
7.An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220
μF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.


Similar Part No. - PDS03-12S3P3

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDS03W P-DUKE-PDS03W_14 Datasheet
603Kb / 4P
   DC-DC CONVERTER
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
PDS03 P-DUKE-PDS03_14 Datasheet
604Kb / 4P
   DC-DC CONVERTER
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
More results

Similar Description - PDS03-12S3P3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VKC03-24D05 ETC-VKC03-24D05 Datasheet
91Kb / 2P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
MKC03 P-DUKE-MKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDL03 RSG-PDL03 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
TEM03 RSG-TEM03 Datasheet
173Kb / 3P
   3 WATTS DC-DC CONVERTER
PFKC03 RSG-PFKC03 Datasheet
174Kb / 3P
   3 WATTS DC-DC CONVERTER
MKC03 RSG-MKC03 Datasheet
170Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PFKC03 P-DUKE-PFKC03_14 Datasheet
682Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 P-DUKE-PMKC03_14 Datasheet
1Mb / 3P
   3 WATTS DC-DC CONVERTER
logo
RSG Electronic Componen...
PDL03W RSG-PDL03W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
PMKC03 RSG-PMKC03 Datasheet
245Kb / 3P
   3 WATTS DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com