Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5Z13V Datasheet(PDF) 5 Page - PACELEADER INDUSTRIAL

Part # MM5Z13V
Description  SURFACE MOUNT ZENER DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

MM5Z13V Datasheet(HTML) 5 Page - PACELEADER INDUSTRIAL

  MM5Z13V Datasheet HTML 1Page - PACELEADER INDUSTRIAL MM5Z13V Datasheet HTML 2Page - PACELEADER INDUSTRIAL MM5Z13V Datasheet HTML 3Page - PACELEADER INDUSTRIAL MM5Z13V Datasheet HTML 4Page - PACELEADER INDUSTRIAL MM5Z13V Datasheet HTML 5Page - PACELEADER INDUSTRIAL MM5Z13V Datasheet HTML 6Page - PACELEADER INDUSTRIAL MM5Z13V Datasheet HTML 7Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Pinning information
1
2
2
1
Pin1
cathode
Pin2
anode
Pin
Simplified outline
Symbol
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
B
0.016 (0.40)
A
0.016 (0.40)
C
0.048 (1.20)
PACKAGE
SOD-523FL
Marking
Type number
Marking
MM5Z Series
DEV+ Σ
DEV = Device code (see page 3), Σ=Datecode
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Odd
1
2
3
4
5
6
7
8
9
T
V
C
Year
Month
Even
E
F
H
J
K
L
N
P
U
X
Y
Z
Example:
DEV
Σ
• •
1D
• •
Note 1
SURFACE MOUNT ZENER DIODES
SURFACE MOUNT ZENER DIODES
MM5Z2V4 thru MM5Z75V
www.paceleader.tw
5


Similar Part No. - MM5Z13V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
MM5Z13V EIC-MM5Z13V Datasheet
109Kb / 2P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z13V SUNMATE-MM5Z13V Datasheet
381Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Weitron Technology
MM5Z13V WEITRON-MM5Z13V Datasheet
439Kb / 3P
   Surface Mount Zener Diodes
logo
Shanghai Shunye Electro...
MM5Z13V SHUNYE-MM5Z13V Datasheet
402Kb / 3P
   200mW SOD-523 SU R F ACE MOUNT Zener Voltage Regulators
logo
Fairchild Semiconductor
MM5Z13V FAIRCHILD-MM5Z13V Datasheet
177Kb / 4P
   Zener Diodes
More results

Similar Description - MM5Z13V

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com