Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB26S Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # KB26S
Description  SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

KB26S Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  KB26S Datasheet HTML 1Page - PACELEADER INDUSTRIAL KB26S Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGAND CHARACTERISTIC CURVES
KB22S THRU KB28 S
Fig.2-TYPICALINSTANTANEOUSFORWARD
CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
Fig.1-FORWARD CURRENTDERATING CURVE
LEAD TEMPERATURE, C
O
50
0.1
1000
10
0.1
1.0
10
100
Fig.3-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
2 . 0
1.0
0
10
1.0
.2
.4
.6
.8 1.0 1.2 1.4 1.6 1.8 2.0
100
SINGLEPHASEHALFWAVE60Hz
RESISTIVEORINDUCTIVELOAD
P.C.B MOUNTED
ON 0.2 X
X
0.2"( 5.0 5.0mm)
COPPERPADAREAS
T= 25 C
PulseWidth= 300 s
1%Duty Cycle
J
O
m
T= 25 C
J
O
0.5
1.5
0
20
406080
100
120
140
50-60V
80-100V
20-40V
0
10
20
30
40
50
110
100
NUMBER OF CYCLES AT 60 Hz
Fig.4 Peak Forward Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
KB22S thru KB28S
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
www.paceleader.tw
2


Similar Part No. - KB26S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
KB26SKG01 NKK-KB26SKG01 Datasheet
400Kb / 10P
   Miniature Pushbuttons
KB26SKG01-05-A NKK-KB26SKG01-05-A Datasheet
433Kb / 14P
   General Specifications
KB26SKG01-05-BB NKK-KB26SKG01-05-BB Datasheet
433Kb / 14P
   General Specifications
KB26SKG01-05-CB NKK-KB26SKG01-05-CB Datasheet
433Kb / 14P
   General Specifications
KB26SKG01-05-CC NKK-KB26SKG01-05-CC Datasheet
433Kb / 14P
   General Specifications
More results

Similar Description - KB26S

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SBT210S HY-SBT210S_17 Datasheet
127Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SBT110S HY-SBT110S_17 Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SBT210S HY-SBT210S_V01 Datasheet
411Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
SB12S HY-SB12S_V01 Datasheet
407Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
SBT14S HY-SBT14S_V01 Datasheet
415Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
SBT110S HY-SBT110S_V01 Datasheet
415Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
SABS36 HY-SABS36 Datasheet
305Kb / 3P
   Surface Mount Schottky Barrier Bridge Rectifiers
logo
PACELEADER INDUSTRIAL
KB12S PACELEADER-KB12S Datasheet
291Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
logo
HY ELECTRONIC CORP.
SBT14S HY-SBT14S Datasheet
124Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
SBT210S HY-SBT210S Datasheet
49Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com