Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE5211A Datasheet(PDF) 3 Page - NTE Electronics

Part # NTE5211A
Description  Zener Diode, 10 Watt 짹5% Tolerance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5211A Datasheet(HTML) 3 Page - NTE Electronics

  NTE5211A Datasheet HTML 1Page - NTE Electronics NTE5211A Datasheet HTML 2Page - NTE Electronics NTE5211A Datasheet HTML 3Page - NTE Electronics NTE5211A Datasheet HTML 4Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Characteristics (Cont’d): (TC = +30°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
(Note 3)
Maximum
DC Zener
Typical
Maximum
NTE Type
Number
(Note 1)
Zener Voltage
Vz @ Izt
(Note 2)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
1mA (Izk)
Current*
(Izm)
(Note 4)
Temperature
Coefficient
α
vz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
mA
%/
°C
µA
Volts
NTE5215A
68
37
18
600
120
.090
10
51.7
NTE5216A
75
33
22
600
110
.090
10
56.0
NTE5217A
82
30
25
700
100
.090
10
62.2
NTE5218A
87
29
30
750
93
.090
10
65.7
NTE5219A
91
28
35
800
85
.090
10
69.2
NTE5220A
100
25
40
900
80
.090
10
76.0
NTE5221A
105
25
45
1000
75
.095
10
76.0
NTE5222A
110
23
55
1100
72
.095
10
83.6
NTE5223A
120
20
75
1200
67
.095
10
91.2
NTE5224A
130
19
100
1300
62
.095
10
98.8
NTE5225A
140
18
125
1400
58
.095
10
100.0
NTE5226A
150
17
175
1500
54
.095
10
114.0
NTE5227A
160
16
200
1600
50
.095
10
121.6
NTE5228A
170
15
225
1675
48
.095
10
128.3
NTE5229A
175
14
250
1750
46
.095
10
135.0
NTE5230A
180
14
260
1850
45
.095
10
136.8
NTE5231A
190
13
280
1925
43
.097
10
144.4
NTE5232A
200
12
300
2000
40
.100
10
152.0
* Stud Temperature = +75
°C
Note 1. The NTE type 10W Zener Diodes listed have Anode (Standard Polarity) connected to stud.
Add suffix letter “K” to the device number for Cathode (Reverse Polarity) connected to stud
(i. e. NTE5174AK).
Note 2. The electrical characteristics are measured after allowing the device to stabilize for 90 se-
conds with +30
°C base temperature.
Note 3. The zener impedance (Zzt) is derived from the 60Hz AC voltage, which results when an AC
current having an RMS value equal to 10% of the DC zener current (IZT or IZK) is superim-
posed on IZT or IZK. When making zener impedance measurements at the IZK test point, it
may be necessary to insert a 60Hz band pass filter between the diode and voltmeter to avoid
errors resulting from low level noise signals.
Note 4. These values of IZM may be exceeded in the case of individual diodes. The values shown
are calculated for the worst case which is a unit of
±5% tolerance at the high voltage and of
its tolerance range. Allowance has also been made for the rise in zener voltage above VZT,
which results from zener impedance and the increase in junction temperature as power dis-
sipation approaches 10 watts.


Similar Part No. - NTE5211A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE52 NTE-NTE52 Datasheet
25Kb / 3P
   Silicon NPN Transistor High Voltage, High Speed Switch
NTE5232A NTE-NTE5232A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
NTE5241A NTE-NTE5241A Datasheet
31Kb / 3P
   50 Watt Zener Diodes
More results

Similar Description - NTE5211A

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5174A NTE-NTE5174A Datasheet
30Kb / 4P
   Zener Diode, 10 Watt 짹5% Tolerance
NTE5111A NTE-NTE5111A Datasheet
32Kb / 3P
   Zener Diode, 5 Watt 짹5% Tolerance
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
NTE5000A NTE-NTE5000A Datasheet
26Kb / 3P
   Zener Diode, 1/2 Watt 짹5% Tolerance
NTE5240A NTE-NTE5240A Datasheet
31Kb / 3P
   50 Watt Zener Diodes 짹5% Tolerance
NTE5005SM NTE-NTE5005SM Datasheet
19Kb / 2P
   Zener Diode, 300mW 짹5% Tolerance
logo
Central Semiconductor C...
CMXTC935A CENTRAL-CMXTC935A Datasheet
524Kb / 2P
   SURFACE MOUNT TEMPERATURE COMPENSATED SILICON ZENER DIODE 짹5% TOLERANCE
CMZ5913BP CENTRAL-CMZ5913BP Datasheet
297Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 3.0 WATT, 3.3 THRU 200 VOLTS 짹5% TOLERANCE
logo
NTE Electronics
NTE5139A NTE-NTE5139A Datasheet
31Kb / 3P
   NTE5111A thru NTE5166A Zener Diode, 5 Watt 5% Tolerance
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com