Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD78N03T4 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTD78N03T4
Description  Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD78N03T4 Datasheet(HTML) 4 Page - ON Semiconductor

  NTD78N03T4 Datasheet HTML 1Page - ON Semiconductor NTD78N03T4 Datasheet HTML 2Page - ON Semiconductor NTD78N03T4 Datasheet HTML 3Page - ON Semiconductor NTD78N03T4 Datasheet HTML 4Page - ON Semiconductor NTD78N03T4 Datasheet HTML 5Page - ON Semiconductor NTD78N03T4 Datasheet HTML 6Page - ON Semiconductor NTD78N03T4 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTD78N03
http://onsemi.com
4
10
20
30
40
50
60
70
80
0.5
0.6
0.7
0.8
0.9
1.1
1.2
10
5
0
5
10
15
20
25
VGS
VDS
4
8
6
0
2000
0
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
6000
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (V)
1000
4000
2
ID = 20 A
TJ = 25°C
Q1
VGS = 0 V
TJ = 25°C
VGS = 0 V
TJ = 25°C
Crss
Ciss
Coss
3000
0
5
10
15
20
25
30
35
Q2
QT
Figure 10. Diode Forward Voltage versus Current
RG, GATE RESISTANCE (OHMS)
1
10
100
1000
1
100
tr
td(off)
td(on)
tf
10
VDS = 20 V
ID = 20 A
VGS = 4.5 V
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
0.1
1
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.1
1000
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
10
10
VGS = 20 V
SINGLE PULSE
TC = 25°C
1 ms
100
ms
10 ms
dc
10
ms
100
200
300
400
500
600
700
800
25
50
75
100
125
150
175
TJ, STARTING JUNCTION TEMPERATURE (°C)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
ID = 78 A
5000
Crss
Ciss
VDS = 0 V
VGS
VDS
0
5
10
15
20
0
1.0
1
100
0


Similar Part No. - NTD78N03T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD78N03T4 ONSEMI-NTD78N03T4 Datasheet
76Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03T4G ONSEMI-NTD78N03T4G Datasheet
76Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
More results

Similar Description - NTD78N03T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD78N03 ONSEMI-NTD78N03 Datasheet
83Kb / 8P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
February, 2005 ??Rev. 0
NTD78N03-35G ONSEMI-NTD78N03-35G Datasheet
76Kb / 7P
   Power MOSFET 25 V, 78 A, Single N?묬hannel, DPAK
September, 2006 ??Rev. 6
NTD78N03R ONSEMI-NTD78N03R Datasheet
215Kb / 8P
   Power MOSFET 25 V, 85 A, Single N?묬hannel, DPAK
August, 2006 ??Rev. 4
NTD4857N ONSEMI-NTD4857N Datasheet
94Kb / 8P
   Power MOSFET 25 V, 78 A, Single N-Channel, DPAK/IPAK
December, 2007 - Rev. 0
NTD60N02R-35G ONSEMI-NTD60N02R-35G Datasheet
85Kb / 8P
   Power MOSFET 62 A, 25 V, N?묬hannel, DPAK
December, 2006 ??Rev. 12
NTD4860N-35G ONSEMI-NTD4860N-35G Datasheet
124Kb / 8P
   25 V, 65 A, Single N?묬hannel, DPAK/IPAK
August, 2014 ??Rev. 2
NTD5802NT4G ONSEMI-NTD5802NT4G Datasheet
130Kb / 7P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
August, 2011 ??Rev. 6
NTMFS4C05NT1G ONSEMI-NTMFS4C05NT1G Datasheet
123Kb / 7P
   Power MOSFET 30 V, 78 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 3
NTD5804N ONSEMI-NTD5804N Datasheet
132Kb / 6P
   Power MOSFET 40 V, 69 A, Single N?묬hannel, DPAK
March, 2009 ??Rev. 0
NTD5802N ONSEMI-NTD5802N Datasheet
135Kb / 6P
   Power MOSFET 40 V, Single N?묬hannel, 101 A DPAK
April, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com